Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 15Page - Microsemi Corporation VSC7440 Datasheet HTML 16Page - Microsemi Corporation VSC7440 Datasheet HTML 17Page - Microsemi Corporation VSC7440 Datasheet HTML 18Page - Microsemi Corporation VSC7440 Datasheet HTML 19Page - Microsemi Corporation VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 444 page
background image
Product Overview
VMDS-10492 VSC7440 Datasheet Revision 4.2
2
2
Product Overview
The VSC7440 SparX-IV-34™ SMB/SME/Industrial Ethernet switch provides a rich set of Enterprise and
Industrial Ethernet switching features such as advanced TCAM-based VLAN and QoS processing that
enable delivery of differentiated services, security through TCAM-based frame processing using
Versatile Content Aware Processor (VCAP), protection switching, IEEE 1588v2 precision time protocol,
and synchronous Ethernet. IPv4/IPv6 Layer 3 (L3) routing is supported with up to 1K IPv4 (256 IPv6)
unicast LPM entries and up to 512 IPv4 (128 IPv6) L3 multicast groups. L3 security features include
source guard and reverse path forwarding (uRPF) tasks.
A powerful 500 MHz MIPS-24KEc CPU enables full management of the switch and advanced Enterprise
and Industrial applications.
The device targets managed Layer 2 and Layer 3 equipment in SMB, SME, and industrial applications
where high port count 1G switching with 10G aggregation links is required.
The VSC7440 SparX-IV-34™ device is a 34 Gbps SMB/SME/Industrial Ethernet switch with up to 10
ports supporting the following main port configurations:
•
4 × 1G SGMII ports + 4 × 2.5G SGMII ports + 2 × 10G SFI ports
•
4 × 1G SGMII ports + 6 × 2.5G SGMII ports
•
10 × 1G SGMII ports
•
Two of the 1G SGMII ports are dual-media ports with a choice of 1G SGMII or 1G CuPHY
In addition, the device supports one 10/100/1000 Mbps SGMII/SerDes Node Processor Interface (NPI)
Ethernet port.
2.1
General Features
This section lists the key device features and benefits.
2.1.1
Layer 2 and Layer 3 Forwarding
•
IEEE802.1Q switch with 4K VLANs and 16K MAC table entries
•
Push/pop/translate up to three VLAN tags on ingress and egress
•
RSTP and MSTP support
•
Fully non-blocking wire-speed switching performance for all frame sizes
•
IPv4/IPv6 unicast and multicast Layer 2 switching with up to 16K groups and 128 port masks
•
IPv4/IPv6 unicast and multicast Layer 3 forwarding (routing) with reverse path forwarding (RPF)
support
•
IGMPv2, IGMPv3, MLDv1, and MLDv2 support
2.1.2
Timing and Synchronization
•
Synchronous Ethernet, with four clock outputs recovered from any port
•
IEEE 1588-2008 (v2) with nanosecond-accurate time stamping for one-step and two-step clocks
•
Hardware processing and PTP frame generation
2.1.3
Quality of Service
•
One megabytes of integrated shared packet memory
•
Eight QoS classes per port
•
TCAM-based classification with pattern matching against Layer 2 through Layer 4 information
•
Dual-rate policers selected by VCAP IS2, eight single-rate priority policers per port, and two single-
rate port policers for each port
•
Flexible 2K ingress QoS mappings and 4K egress QoS mappings for VLAN tags, DSCP values, and
MPLS labels
•
Up to 512 egress VLAN tag operations
•
Priority-based flow control (PFC) (IEEE 802.1Qbb)
•
Audio/Video bridging (AVB) with support for time-synchronized, low-latency audio and video
streaming services



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com