Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 80 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 80 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation VSC7440 Datasheet HTML 82Page - Microsemi Corporation VSC7440 Datasheet HTML 83Page - Microsemi Corporation VSC7440 Datasheet HTML 84Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
63
The VCAP IS2 has 16 default rules. The address of default rule number n is (7584 + 16 × n). When
submitting a key to the VCAP IS2, the analyzer simultaneously determines which default rule to hit if the
key does not match any entries. If no resources (blocks) were assigned to VCAP IS2, there can be no
matches and default rules will be hit.
3.12.3.3 VCAP LPM
The following table lists the parameters that apply to the VCAP LPM.
The type-group field must be inserted into entries when programming rules, because the VCAP LPM
supports more than one entry size.
5
e[212:177]
e[211:176]
6
e[248:213]
e[247:212]
7
e[284:249]
e[283:248]
8
e[317:284]
9
e[353:318]
10
e[389:354]
11
e[425:390]
12
e[460:426]
13
e[496:461]
14
e[532:497]
15
e[568:533]
Table 48 •
VCAP LPM Parameters
Parameter
Description
Number of VCAP addresses
1,024 per block that is allocated to this VCAP
Width of entry
36 bit per address
Width of action
70 bit per address
Counter-type
1 bit saturating counter
Supported entry sizes
X1, X2, X4, X8
Supported action sizes
X1
Associated register target
VCAP_SUPER
Table 49 •
VCAP LPM Entry Type-Group Fields
Address Offset
Size
Entry Type Group
Description
0
X1
0b1
Software must insert 1 bit with the value 1 into
first address of all X1 entries.
0
X2
0b10
Software must insert 2 bit with the value 2 into
first address of all X2 entries.
0
X4
0b100
Software must insert 3 bit with the value 4 into
first address of all X4 entries.
0
X8
0b1000
Software must insert 4 bit with the value 8 into
first address of all X8 entries.
Table 47 •
VCAP IS2 Entry/Action Bit Distribution (continued)
Address Offset
X4
X8
X16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com