Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
10
•
VLAN Classification VLAN-based forward filtering includes source port filtering, destination port
filtering, VLAN mirroring, and asymmetric VLANs.
•
Security Enforcement The security decision made by the VCAP IS2 can, for example, redirect the
frame to the CPU based on security filters.
•
MSTP The VLAN identifier maps to a Multiple Spanning Tree instance, which determines MSTP-
based destination port filtering.
•
MAC Addresses Destination and source MAC address lookups in the MAC table determine if a
frame is a learn frame, a flood frame, a multicast frame, or a unicast frame.
•
Learning By default, the device performs hardware learning on all ports. However, certain ports
could be configured with secure learning enabled, where an incoming frame with unknown source
MAC address is classified as a “learn frame” and is redirected to the CPU. The CPU performs the
learning decision and also decides whether the frame is forwarded.
•
Learning can also be disabled. If learning is disabled, it does not matter if the source MAC address
is in the MAC table.
•
Link Aggregation A frame targeted to a link aggregate is processed to determine which physical
port of the link aggregate group the frame must be forwarded to.
•
Mirroring Mirror probes may be set up in different places in the forwarding path for monitoring
purposes. As part mirroring, a copy of the frame is sent either to the CPU or to another port.
3.2.6
Layer 3 Forwarding
The device supports Layer 3 forwarding (routing), which is performed by the analyzer. With Layer 3
forwarding, the IPv4 or IPv6 addresses determine the destination port set and Layer 3 processing is
performed on IP header. The Layer 3 forwarding process also replaces the arrival Layer-2 Ethernet
header (including MAC addresses and VLAN tags) with a new Layer 2 Ethernet header after departure
from the switch.
The analyzer supports 32 router legs, and supports Virtual Router Redundancy Protocol (VRRP). Ingress
router legs are addressed using classified arrival VLAN and DMAC address.
If an arrival frame is determined to belong to an ingress router leg and routing is enabled, Layer 3
forwarding is applied. Note that this is in addition to any Layer 2 forwarding, so for example, an arrival
multicast frame may be Layer 2 forwarded on the classified arrival VLAN and also Layer 3 forwarded to
one or more additional VLANs. IP unicast frames only use Layer 2 forwarding or Layer 3 forwarding, but
never both. Layer 3 forwarding always uses the classified arrival VLAN.
Layer 3 forwarding first checks the IP header for validity. IP header checks include IP version, header
length, and header checksum. The Time-to-Live (TTL) or Hop Limit values are also checked for validity
and decremented if the packet is forwarded.
The analyzer then searches the Longest Prefix Match (LPM) table for an exact match of the destination
IP address. If there is not an exact match, the table is searched for the best partial match. If there is no
partial match in the LPM table, the frame is Layer 3 forwarded to the location of the default gateway.
With Layer 3 forwarding, each egress frame copy uses an egress router leg to determine the per-copy
egress encapsulation. There can be up to 16 egress router legs associated with one forwarding entry in
support of Equal Cost Multipath (ECMP) functionality, where multiple forwarding paths are used between
adjacent routers for increased forwarding bandwidth.
Reverse path forwarding (RPF) is optionally performed on multicast and unicast (uRPF) packets as a
security check. This source IP address check helps detect and prevent address spoofing.
Multicast frames can be Layer 2 forwarded on the arrival VLAN as well as Layer 3 forwarded to different
VLANs. Layer 3 forwarding of IP multicast is different from Layer 2 forwarding of IP multicast using
IGMP/MLD snooping in the following ways:
•
IP header checks and TTL processing are performed
•
The Ethernet header is swapped
•
The egress VLANs may be different from the ingress VLANs
•
Multiple frame copies can be generated per physical port
Network control such as ICMP and ARP are redirected to the CPU, along with malformed packets,
packets with expired TTL, and packets with options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com