Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 62 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 62 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
45
3.10.1.3 Port Mode Configuration
The MAC provides a number of handles for configuring the port mode. The following table lists the
associated registers.
3.10.1.4 Type/Length Check
The MAC supports frame lengths of up to 14,000 bytes. The maximum frame accepted by the MAC is
configurable and defined in DEV10G::MAC_MAXLEN_CFG.MAX_LEN. Maximum length is automatically
adjusted if one or more tags are included in the current frame. The MAC allows 1/2/3 tagged frames to be
4/8/12 bytes longer respectively, than the specified maximum length.
DEV10G::MAC_MAXLEN_CFG.MAX_LEN_TAG_CHK configures whether the max Length check takes
the number of tags into consideration.
A number of tags can be selected by DEV10G::MAC_NUM_TAGS_CFG.NUM_TAGS. By default,
EtherType 0x8100 and 0x88A8 are identified as VLAN tags. In addition, three custom EtherTypes can be
configured by MAC_TAGS_CFG.TAG_ID.
If a received frame exceeds the maximum length, the frame is truncated and marked as aborted.
The MAC can drop the frames with length (in-range and out-of-range) errors by enabling
MAC_ADV_CHK_CFG.INR_ERR_ENA and MAC_ADV_CHK_CFG.OOR_ERR_ENA.
There are also other checks available that can be enabled based on configurations listed in the following
table.
3.10.1.5 Local and Remote Fault Signaling
By default the MAC is configured to detect a Link Fault indication and react by transmitting the
appropriate sequence ordered set. The feature can be disabled completely using
Table 22 •
DEV10G Port Mode Configuration Registers Overview
Target::Register.Field
Description
DEV10G::DEV_RST_CTRL.SPEED_SEL
Configures MAC and PCS Rx/Tx clock frequencies.
6: Both MAC and PCS Rx/Tx clocks are disabled.
7: SFI 10 Gbps.
Unused values are reserved.
DEV10G::MAC_ENA_CFG.RX_ENA
Enable MAC receiver module.
DEV10G::MAC_ENA_CFG.TX_ENA
Enable MAC transmitter module.
DEV10G::MAC_MODE_CFG.TUNNEL_PAUSE_FRAMES
Enable tunneling of pause frames on a link.
DEV10G::MAC_MODE_CFG.MAC_PREAMBLE_CFG
Preamble format configuration.
DEV10G::MAC_MODE_CFG.MAC_IPG_CFG
IPG format configuration.
DEV10G::MAC_MODE_CFG. HIH_CRC_CHECK
Enable check for HiH checksum.
Table 23 •
DEV10G Port Module Advance Checks Configuration Registers
Target::Register.Field
Description
DEV10G::MAC_ADV_CHK_CFG.EXT_EOP_CHK_ENA
Enables extended end of packet check.
DEV10G::MAC_ADV_CHK_CFG.EXT_SOP_CHK_ENA
Enable extended start of packet check.
DEV10G::MAC_ADV_CHK_CFG.SFD_CHK_ENA
Enable start-of-frame-delimiter check.
DEV10G::MAC_ADV_CHK_CFG.PRM_SHK_CHK_DIS
Disable preamble shrink check.
DEV10G::MAC_ADV_CHK_CFG.PRM_CHK_ENA
Enable preamble check.
DEV10G::MAC_ADV_CHK_CFG.OOR_ERR_ENA
Enable out-of-range error check.
DEV10G::MAC_ADV_CHK_CFG.INR_ERR_ENA
Enable in-range error check.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com