Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation VSC7440 Datasheet HTML 82Page - Microsemi Corporation VSC7440 Datasheet HTML 83Page - Microsemi Corporation VSC7440 Datasheet HTML 84Page - Microsemi Corporation VSC7440 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
64
Because only one action size is supported by the VCAP LPM, no type-group is inserted into actions
when programming rules.
It is possible to calculate the distribution of entry and action bits in the VCAP LPM based on entry and
action widths together with the entry type-group field width.
The VCAP LPM does not implement default rules. If the key does not match any entries, or if no
resources (blocks) are assigned to the VCAP LPM, routing lookups are treated as misses.
3.12.3.4 VCAP ES0
VCAP ES0 has 512 addresses available. The following parameters apply to the VCAP ES0.
The type-group field is not used when programming entries and actions, because VCAP ES0 supports
only one entry size and one action size.
1, 3, 5, and 7
0b0
Software must insert 1 bit with the value 0 into
uneven addresses of all entries.
2 and 6
0b00
Software must insert 2 bit with the value 0 into
addresses 2 and 6 of all entries.
4
0b000
Software must insert 3 bit with the value 0 into
addresses 4 of all entries.
Table 50 •
VCAP LPM Entry/Action Bit Distribution
Address Offset
X1
X2
X4
X8
0
e[34:0], a[69:0]
e[33:0]
e[32:0]
e[31:0]
1
e[68:34]
e[67:33]
e[66:32]
2
e[101:68]
e[100:67]
3
e[136:102]
e[135:101]
4
e[168:136]
5
e[203:169]
6
e[237:204]
7
e[272:238]
Table 51 •
VCAP ES0 Parameters
Parameter
Description
Number of VCAP addresses
512.
Width of entry
30 bits per address.
Width of action
285 bits per address.
Counter-type
1-bit saturating counter.
Supported entry sizes
X1.
Supported action sizes
X1.
Associated register target
VCAP_ES0.
Table 49 •
VCAP LPM Entry Type-Group Fields (continued)
Address Offset
Size
Entry Type Group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com