Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 19Page - Microsemi Corporation VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
6
Figure 1 •
RTL Block Diagram
3.1
Register Notations
This datasheet uses the following general register notations.
<TARGET>:<REGISTER_GROUP>:<REGISTER>.<FIELD>
<REGISTER_GROUP> is not always present. In that case the following notation is used:
<TARGET>::<REGISTER>.<FIELD>
When a register group does exist, it is always prepended with a target in the notation.
In sections where only one register is discussed or the target (and register group) is known from the
context, the <TARGET>:<REGISTER_GROUP>: may be omitted for brevity leading to the following
notation:
<REGISTER>.<FIELD>
When a register contains only one field, the .<FIELD> is not included in the notation.
When referring to a specific instance of a register group, specific register instance, or a specific bit in a
field, square brackets are used, for example:
<TARGET>:<REGISTER_GROUP>[<register group instance>]:<REGISTER>.<FIELD>
<TARGET>:<REGISTER_GROUP>:<REGISTER>[<register instance>].<FIELD>
<TARGET>:<REGISTER_GROUP>:<REGISTER>.<FIELD>[<bit number>]
3.2
Functional Overview
This section provides an overview of all the major blocks and functions involved in the forwarding
operation in the same order as a frame traverses through the device. It also outlines other major
functionality of the devices, such as the CPU subsystem and IEEE 1588 PTP processing.
The following illustration shows the VSC7440 block diagram.
ASM
LBK
DSM
REW
ANA
ANA_CL
ANA_L3
ANA_ACL
ANA_L2
ANA_AC
LRN
VCAP_SUPER
LPM
IS2
CLM
VCAP_ES0
DEV2G5
DEV10G
DEV2G5
DEV10G
x11
x2
DEVCPU
DEV1G
x5
SERDES1G
DEV1G
x2
SERDES6G
DEV1G
x4
SERDES10G
Priority-based flow control
FDMA
Manual
VCore-III
CPU I/F
MIPS
24KEc
SQS
OQS
IQS
HSCH
AFI
VD0
VD1
Normal
REW
QSYS
QRES
QFWD
HSIO
HSIO
Register target
DEV1G
x2
CuPHY
XGANA/DIG/XFI/KR
Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com