Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 64 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 64 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
47
PCS_10GBASE_R::RX_FSET_FIFO_STAT can be used to know how many ordered sets are captured
and FIFO full status.
3.10.2.3 Signal Detect
The PCS can be enabled to react to loss of signal through signal detect
(PCS_10GBASE_R::PCS_SD_CFG.SD_ENA). Upon loss of signal, the PCS Rx state machine is
restarted, and frame reception stops. If signal detect is disabled, no action is taken upon loss of signal.
The polarity of signal detect is configurable by PCS_10GBASE_R::PCS_SD_CFG.SD_POL, where value
of this bit indicates the active Signal Detect state of the selected input line.
The source of signal detect is selected in PCS_10GBASE_R::PCS_SD_CFG.SD_SEL to either the
SERDES PMA or the PMD receiver. If the SERDES PMA is used as source, the SERDES macro
provides the signal detect. If the PMD receiver is used as source, signal detect is sampled externally
through one of the GPIO pins on the device. For more information about the configuration of the GPIOs
and signal detect, see Parallel Signal Detect, page 354.
3.10.2.4 Tx Loopback
For debug purposes, there is a loopback path defined within all PCS blocks that loops back Tx data path
into the Rx data path. This is enabled through PCS_10GBASE_R::PCS_CFG.PMA_LOOPBACK_ENA
for PCS SFI.
3.10.2.5 Test Patterns
The following table lists the registers associated with configuring SFI PCS
Table 26 •
DEV10G BASE-R PCS Test Pattern Configuration Registers Overview
Target::Register.Field
Description
Replication
PCS_10GBASE_R::PCS_CFG.TX_TEST_
MODE
Enables test pattern mode in SFI PCS transmitter.
Per PCS
PCS_10GBASE_R::PCS_CFG.TX_TEST_
MODE
Enables test pattern mode in SFI PCS receiver.
Per PCS
PCS_10GBASE_R::TEST_CFG
Test pattern configuration register when test mode is
enabled for SFI PCS
Per PCS
PCS_10GBASE_R::TX_SEEDA_MSB.TX
_SEEDA_MSB
Most significant 26 bits of seed A used to initialize SFI
PCS scrambler in test mode.
Per PCS
PCS_10GBASE_R::TX_SEEDA_LSB.TX_
SEEDA_LSB
Least significant 32 bits of seed A used to initialize SFI
PCS scrambler in test mode.
Per PCS
PCS_10GBASE_R::TX_SEEDB_MSB.TX
_SEEDB_MSB
Most significant 26 bits of seed B used to initialize SFI
PCS scrambler in test mode.
Per PCS
PCS_10GBASE_R::TX_SEEDB_LSB.TX_
SEEDB_LSB
Least significant 32 bits of seed B used to initialize SFI
PCS scrambler in test mode.
Per PCS
PCS_10GBASE_R::TX_DATAPAT_MSB.T
X_DATAPAT_MSB
Most significant 32 bits of 64-bit data pattern used in
pseudo-random and user-defined test pattern mode for
transmitter of SFI PCS.
Per PCS
PCS_10GBASE_R::TX_DATAPAT_LSB.T
X_DATAPAT_LSB
Least significant 32 bits of 64-bit data pattern used in
pseudo-random and user-defined test pattern mode for
transmitter of SFI PCS.
Per PCS
PCS_10GBASE_R::RX_DATAPAT_MSB.
RX_DATAPAT_MSB
Most significant 32 bits of 64-bit data pattern used in
pseudo-random and user-defined test pattern mode for
receiver of SFI PCS.
Per PCS
PCS_10GBASE_R::RX_DATAPAT_LSB.R
X_DATAPAT_LSB
Least significant 32 bits of 64-bit data pattern used in
pseudo-random and user-defined test pattern mode for
receiver of SFI PCS.
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com