Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 90 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 90 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 86Page - Microsemi Corporation VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation VSC7440 Datasheet HTML 94Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
73
ETYPE
EtherType, overloaded for other frame
types
16
x x
x
IP_SNAP
IP or SNAP frame
1
x x
x
IP4
IPv4 frame
1
x x x
x
LBL0
Label from MPLS Label Stack entry 0 20
x
x
x
TC0
TC bits from MPLS Label Stack entry 0 3
x
x
SBIT0
S-bit from MPLS Label Stack entry 0
1
x
x
x
TTL0_EXPIRY
Set if TTL<=1 for MPLS Label Stack
entry 0
1x
x
x
LBL1
Label from entry 1
20
x
x
TC1
TC bits from entry 1
3
x
x
SBIT1
S-bit from entry 1
1
x
x
TTL1_EXPIRY
Set if TTL<=1 for entry 1
1
x
x
LBL2
Label from entry 2
20
x
TC2
TC bits from entry 2
3
x
SBIT2
S-bit from entry 2
1
x
TTL2_EXPIRY
Set if TTL<=1 for entry 2
1
x
RSV_LBL_VAL
Reserved label value
4
x
CW_ACH
CW/ACH after label with S-bit set
32
x
RSV_LBL_POS
Reserved label position
3
x
x
L3_FRAGMENT
Fragmented IPv4 frame
1
x
x x x
x
L3_FRAG_OFS_GT0
Frame is not the first fragment
1
x
x x x
x
L3_OPTIONS
IPv4 frame with options
1
x
x x x
x
L3_DSCP
Frame’s DSCP value
6
x
x x x
x
L3_IP4_DIP
Destination IP address
32
x
x
x
L3_IP4_SIP
SIP address, overloaded for other
frame types
32
x
xxx
L3_IP6_DIP
Destination IP address
128
x
L3_IP6_SIP
Source IP address
128
x
L3_IP_PROTO
IP protocol / next header
8
x
x
TCP_UDP
TCP/UDP frame
1
x x x
x
TCP
TCP frame
1
x x x
x
L4_SPORT
TCP/UDP source port
16
x x
x
Table 58 •
VCAP CLM Key Overview (continued)
Field Name
Short Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com