Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 82 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 82 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation VSC7440 Datasheet HTML 82Page - Microsemi Corporation VSC7440 Datasheet HTML 83Page - Microsemi Corporation VSC7440 Datasheet HTML 84Page - Microsemi Corporation VSC7440 Datasheet HTML 85Page - Microsemi Corporation VSC7440 Datasheet HTML 86Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
65
The following table shows the distribution of entry and action bits in the VCAP ES0.
The VCAP ES0 has 11 default rules. The address of default rule number n is (512 + n). When submitting
a key to the VCAP ES0, the rewriter simultaneously decides which default rule to hit if the key does not
match any entries in the VCAP.
3.12.4
VCAP Programming Examples
This section provides examples of programming VCAP CLM and VCAP ES0.
3.12.4.1 Writing a Wide CLM Rule
This example shows how to write a CLM X4 rule, consisting of an X2 TRI_VID entry and an X4 FULL
action, to the CLM1 VCAP. In this example, the second and third blocks of VCAP resources have already
been mapped to CLM1.
When the second and third resource blocks are mapped to CLM1, it then owns VCAP address range
1024-3071. An X4 rule must be placed on an address inside memory owned by CLM1 and starting
addresses must be divisible by four, because it is an X4 rule. In this example, the X4 rule is written to
addresses 1412-1415.
Software is expected to track memory usage so that it only writes to VCAP memory that does not already
contain active rules. Deleting of rules is done by initializing the associated addresses.
The X2 TRI_VID entry is 69 bits wide. The X4 FULL action is 250 bits wide. For information about how to
build a FULL action, see VCAP CLM Actions, page 92. For information about how to build a TRI_VID
entry, see VCAP CLM X2 Key Details, page 75.
Each address holds 36 bits of entry data/mask, but some of them are used for type-group fields. For
more information about TRI_VID’s entry type-group field and entry bit-ranges for address offset 0 and 1,
Table 41, page 60 and Table 43, page 61. The results are shown in the following table.
Note: The TRI_VID entry completely fills available entry space. If it had been less than 69 bits wide, then MSBs
at address offset 1 would have been treated as Match-0.
Each address holds 70 bits of action, but some of them are used for type-group fields. For more
information the FULL’s action type-group field and the action bit ranges for all four address offsets, see
Table 42, page 60 and Table 43, page 61. The results are shown in the following table.
The FULL action is only 250 bits wide, so bits [272:250] of address offset 3 must be treated as zeros.
Table 52 •
VCAP ES0 Entry/Action Bit Distribution
Address Offset
X1
0
e[29:0], a[284:0]
Table 53 •
CLM X2 Entry Type-Group and Distribution Summary
Address
Type-Group Field
Entry Data/Mask Range
1412
0b10
[33:0]
1413
0b0
[68:34]
Table 54 •
CLM X4 Action Type-Group and Distribution Summary
Address
Type-Group Field
Action Data/Mask Range
1412
0b100
[66:0]
1413
0b0
[135:67]
1414
0b00
[203:136]
1415
0b0
[249:204]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com