Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 58 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 58 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
41
After the last next page has been received, the auto-negotiation state machine enters the IDLE_DETECT
state, and the PCS1G_ANEG_STATUS.PR bit is set indicating that ability information exchange (base
page and possible next pages) has finished and software can now resolve priority. Appropriate actions,
such as Rx or Tx reset or auto-negotiation restart, can then be taken based on the negotiated abilities.
The LINK_OK state is reached one link timer period later.
When the auto-negotiation process reached the LINK_OK state,
PCS1G_ANEG_STATUS.ANEG_COMPLETE is asserted.
3.9.3.2
Link Surveillance
The current link status can be observed through PCS1G_LINK_STATUS.LINK_STATUS. The
LINK_STATUS is defined as either the PCS synchronization state or as bit 15 of
PCS1G_ANEG_STATUS.LP_ADV_ABILITY, which carries information about the link status in SGMII
mode.
Link down is defined as the auto-negotiation state machine being in neither the AN_DISABLE_LINK_OK
state nor the LINK_OK state for one link timer period. If a link down event occurred,
PCS1G_STICKY.LINK_DOWN_STICKY is set and PCS1G_LINK_DOWN_CNT is incremented. In
SGMII mode, the link timer period is 1.6 ms, whereas in SerDes mode, the link timer period is 10 ms.
The PCS synchronization state can be observed through PCS1G_LINK_STATUS.SYNC_STATUS.
Synchronization is lost when the PCS is not able to recover and decode data received from the attached
serial link.
3.9.3.3
Signal Detect
The PCS can be enabled to react to loss of signal through signal detect (PCS1G_SD_CFG.SD_ENA).
Upon loss of signal, the PCS Rx state machine is restarted, and frame reception stops. If signal detect is
disabled, no action is taken upon loss of signal. The polarity of signal detect is configurable in
PCS1G_SD_CFG.SD_POL.
The source of signal detect is selected in PCS1G_SD_CFG.SD_SEL to either the SerDes PMA or the
PMD receiver. If the SerDes PMA is used as source, the SerDes macro provides the signal detect. If the
PMD receiver is used as source, signal detect is sampled externally through one of the GPIO pins on the
device. For more information about the configuration of the GPIOs and signal detect, see Parallel Signal
Detect, page 354.
PCS1G_LINK_STATUS.SIGNAL_DETECT contains the current value of the signal detect input.
3.9.3.4
Tx Loopback
For debug purposes, the Tx data path in the PCS can be looped back into the Rx data path. This is
enabled through PCS1G_LB_CFG.TBI_HOST_LB_ENA.
3.9.3.5
Test Patterns
The following table lists the DEV1G and DEV2G5 registers associated with configuring test patterns.
PCS1G_TSTPAT_MODE_CFG.JTP_SEL overwrites normal operation of the PCS and enables
generation of jitter test patterns for debug. The jitter test patterns are defined in IEEE 802.3, Annex 36A.
The following patterns are supported.
•
High frequency test pattern
•
Low frequency test pattern
•
Mixed frequency test pattern
•
Continuous random test pattern with long frames
•
Continuous random test pattern with short frames
Table 14 •
DEV1G and DEV2G5 PCS Test Pattern Configuration Registers
Register
Description
Replication
PCS1G_TSTPAT_MODE_CFG
Test pattern configuration
Per PCS
PCS1G_TSTPAT_STATUS
Test pattern status
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com