Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 98 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 94Page - Microsemi Corporation VSC7440 Datasheet HTML 95Page - Microsemi Corporation VSC7440 Datasheet HTML 96Page - Microsemi Corporation VSC7440 Datasheet HTML 97Page - Microsemi Corporation VSC7440 Datasheet HTML 98Page - Microsemi Corporation VSC7440 Datasheet HTML 99Page - Microsemi Corporation VSC7440 Datasheet HTML 100Page - Microsemi Corporation VSC7440 Datasheet HTML 101Page - Microsemi Corporation VSC7440 Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
81
3.15.5
VCAP CLM X8 Key Details
The X8 keys include an X8_TYPE field, which is used to tell difference between the keys. It takes a
unique value for each key. The following table lists details about the fields applicable to these keys.
Table 62 •
VCAP CLM X8 Key Details
Field Name
Description
Size
X8_TYPE
X8 type:
0: LL_FULL.
1: NORMAL.
2: NORMAL_5TUPLE_IP4.
3: CUSTOM_2.
2
xxxx
FIRST
Selects between entries relevant for first and second lookup. Set for
first lookup, cleared for second lookup.
1
xxxx
IGR_PORT
Logical ingress port number retrieved from
ANA_CL::PORT_ID_CFG.LPORT_NUM.
6x
G_IDX_IS_SERVICE
Set if the VCAP CLM action from the previous VCAP CLM lookup
specified ISDX to be used as G_IDX.
1
xxx
G_IDX
Generic index used to bind together entries across VCAP CLM
lookups.
G_IDX is calculated based on fields in VCAP CLM action from
previous VCAP CLM lookup:
NXT_IDX_CTRL.
NXT_IDX.
Default value is configurable in
ANA_CL::CLM_MISC_CTRL.CLM_GIDX_DEF_SEL. Can be zero,
logical port number, or masqueraded port number.
12
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com