Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
57
To disable a rule, one or more bits in the entry is set to match-off. VCAP ES0 does not allow match-off
encoding. Rules are instead enabled and disabled by the VCAP_RULE_ENA.RULE_ENA cache field.
The counter for a rule is incremented when the entry of the rule is matched by a key. Counters that are 1-
bit wide do not wrap, but instead saturate at 1.
3.12.1.1 Writing, Reading, and Initializing Rules
All access to and from VCAP memory goes through the cache.
To write a rule in the VCAP memory at address a: Entry data, entry action, and counter is first written to
the cache registers and then transferred into VCAP memory by triggering a write operation on the cache
by setting VCAP_UPDATE_CTRL.UPDATE_CMD = 0, VCAP_UPDATE_CTRL.UPDATE_ADDR = a,
and VCAP_UPDATE_CTRL.UPDATE_SHOT = 1. The UPDATE_SHOT field is cleared by hardware
when the rule has put into VCAP memory.
To read a rule from address a in the VCAP memory: Trigger a read operation on the cache by setting
VCAP_UPDATE_CTRL.UPDATE_CMD = 1, VCAP_UPDATE_CTRL.UPDATE_ADDR = a, and
VCAP_UPDATA_CTRL.UPDATE_SHOT = 1. The UPDATE_SHOT field is cleared by hardware when a
copy of the rule is available for reading via cache registers.
Active rules must not be overwritten by other rules (except when writing disabled rules). Software must
make sure that addresses are initialized before they are written.
It is possible to write the contents of the cache can be written to a range of addresses inside VCAP
memory. This is used during initialization of VCAP memory.
To write the contents of the cache to addresses a through b in VCAP memory, where a < b: Trigger an
initialization-operation by setting VCAP_MV_CFG.MV_NUM_POS = b-a. And
VCAP_UPDATE_CTRL.UPDATE_CMD = 4, VCAP_UPDATE_CTRL.UPDATE_ADDR = a, and
VCAP_UPDATE_CTRL.UPDATA_SHOT = 1. When the UPDATE_SHOT field is cleared, the addresses
have been overwritten with the contents of the cache.
The cache can be cleared by writing VCAP_UPDATE_CTRL.CLEAR_CACHE = 1. This immediately sets
the contents of the entry to disabled, action and counter is set to all-zeros.
VCAP_UPDATE_CTRL.CLEAR_CACHE can be set at the same time as triggering an write or
initialization operation, the cache will be cleared before writing to the VCAP memory.
It is possible to selectively disable access to entry, action, and/or counter during operations by setting
VCAP_UPDATE_CTRL.UPDATE_ENTRY_DIS, VCAP_UPDATE_CTRL.UPDATE_ACTION_DIS, or
VCAP_UPDATE_CTRL.UPDATE_CNT_DIS. These fields allow specialized operations such as clearing
counter values by performing initialization or write operations with disabled entry and action updating.
3.12.1.2 Moving a Block of Rules
The VCAP supports move operation for efficient and safe moving of rules inside VCAP memory. Moving
may be required to make room for new rules, because rules are prioritized by address.
To move n addresses from address a to address b in VCAP memory: Trigger a move operation by setting
VCAP_MV_CFG.MV_NUM_POS = (a>b ? a-b : b-a), VCAP_MV_CFG.MV_SIZE = (n-1). And setting
VCAP_UPDATE_CTRL.UPDATE_CMD = (a>b ? 2 : 3), VCAP_UPDATE_CTRL.UPDATE_ADDR = a,
and VCAP_UPDATE_CTRL.UPDATE_SHOT = 1. When the UPDATE_SHOT field is cleared, the
contents of the addresses have been moved inside VCAP memory. The cache is overwritten during the
move-operation.
Rules must not be moved to a region that contains active rules. Software must make sure that
destination addresses are initialized before performing a move operation. After moving rules the move
operation leaves VCAP memory in initialized state, so overlapping source and destination regions is not
a problem during move operations.
3.12.1.3 Sharing Resources
The device implements a shared pool of six blocks that can be distributed freely among the CLM, IS2,
and LPM VCAPs. Each block in the pool has 1,024 addresses with entries, actions, and counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com