Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
22
The following table describes each field in the VStaX header.
Table 3 •
VStaX Header Fields
Field Category
Field Name
Bit
Width
Description
Reserved
RSV
79
1 bit
Reserved field. Must be set to 1 when injecting
frames and must be checked on extraction.
MISC when
ANA_AC:PS_COMMO
N.VSTAX2_MISC_ISD
X_ENA=1
COSID
78:76
3 bits
Class of service.
ISDX
75:64
12 bits
Ingress service index.
MISC when
ANA_AC:PS_COMMO
N.VSTAX2_MISC_ISD
X_ENA=0
RSV
78:68
11 bits
Reserved field. Must be set to 0 when injecting
frames from CPU and ignored on extraction.
AC
67:64
4 bits
GLAG aggregation code
Reserved
RSV
63:62
2 bits
Reserved field. Must be set to 0.
QOS
CL_DP
60:61
2 bits
Classified drop precedence level.
SP
59
1 bit
Super priority.
Identifies frames to be forwarded between CPUs
of neighboring units, using egress and ingress
super priority queues in the assembler and
disassembler.
CL_QOS (IPRIO)
58:56
3 bits
Classified quality of service value (internal
priority).
INGR_DROP_MOD
E
55
1 bit
Congestion management information.
0: Ingress front port is in flow control mode.
1: Ingress front port is in drop mode.
Reserved
RSV
54
1 bit
Reserved field. Must be set to 0.
General
RSV
53
1 bit
Reserved field. Must be set to 0.
TTL
52:48
5 bits
Time to live.
LRN_MODE
47
1 bit
0: Normal learning. SMAC and VID of the frame is
subject to learning.
1: Skip learning. Do not learn SMAC and VID of
the frame.
FWD_MODE
46:44
3 bits
Forward mode.
Encoding:
0x0: FWD_LLOOKUP: Forward using local lookup
in every unit.
0x1: FWD_LOGICAL: Forward to logical front port
at specific UPS.
0x2: FWD_PHYSICAL: Forward to physical front
port at specific UPS.
0x3: FWD_MULTICAST: Forward to ports part of
multicast group.
0x4: FWD_GMIRROR: Forward to global mirror
port.
0x5: FWD_GCPU_UPS: Forward to GCPU of
specific UPS.
0x6: FWD_GCPU_ALL: Forward to all GCPUs.
0x7: Reserved.
Reserved
RSV
43
1 bit
Reserved field. Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com