Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
19
MISC
PIPELINE_ACT
25:23
3 bits
Pipeline action specifies if a frame is
injected, extracted, or discarded.
0: None
1: INJ
2: INJ_MASQ
3: Reserved
4: XTR
5: XTR_UPMEP
6: LBK_ASM
7: LBK_QS
PIPELINE_PT
22:18
5 bits
Pipeline point specifies the location where
a frame is injected, extracted, or
discarded.
0: None
1: ANA_VRAP
2: ANA_PORT_VOE
3: ANA_CL
4: ANA_CLM
5: ANA_IPT_PROT
6: ANA_OU_MIP
7: ANA_OU_SW
8: ANA_OU_PROT
9: ANA_OU_VOE
10: ANA_MID_PROT
11: ANA_IN_VOE
12: ANA_IN_PROT
13: ANA_IN_SW
14: ANA_IN_MIP
15: ANA_VLAN
16: ANA_DONE
17: REW_IN_MIP
18: REW_IN_SW
19: RE_IN_VOE
20: REW_OU_VOE
21: REW_OU_SW
22: REW_OU_MIP
23: REW_SAT
24: REW_PORT_VOE
25: REW_VRAP
CPU_MASK
17:10
8 bits
CPU extraction queue mask.
TAGGING
POP_CNT
9:8
2 bits
Controlled by CPU or
ANA_CL:PORT:VLAN_CTRL.VLAN_POP
_CNT or CLM VLAN_POP_CNT_ENA
and causes the rewriter to pop the
signaled number of consecutive VLAN
tags. If ENCAP.W16_POP_CNT >0 and
TYPE_AFTER_POP = ETH POP_CNT
applies to inner Ethernet layer.
Table 2 •
Internal Frame Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com