Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 72 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 72 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
55
3.12
Versatile Content-Aware Processor (VCAP)
The Versatile Content-Aware Processor (VCAP™) is a content-aware packet processor that allows wire-
speed packet inspection for rich implementation of, for example, advanced VLAN and QoS classification
and manipulations, IP source guarding, and security features for wireline and wireless applications. This
is achieved by programming rules into the VCAP.
When a VCAP is enabled, every frame passing though the switch is analyzed and multiple keys are
created based on the contents of the packet. The frame is examined to determine the frame type (for
example, IPv4 TCP frame), so that the frame information is extracted according to the frame type, port-
specific configuration, and classification results from the basic classification. Keys are applied to the
VCAP and when there is a match between a key and a rule in the VCAP, the rule is then applied to the
packet from which the key was extracted.
A rule consists of an entry, an action, and a counter. Keys are matched against the entry of a rule. When
a rule is matched, the action is returned by the VCAP, and the rule’s counter is incremented.
One and only one rule will match a key. If a key matches more than one rule, the rule at the highest
address is selected. This means that a rule at high address takes priority over rules at lower addresses.
When a key does not match a rule, a default rule is triggered. A default rule’s action is programmable just
like regular rules. Some VCAPs have more than one default rule; which default rule to use is determined
at the same time as the key is created and applied to the VCAP.
This section provides information about entries and actions in general terms. When discussing an entry
or an action, it is considered a vector of bits that is provided by software. For information about building
classification matching (CLM) keys, see VCAP CLM Keys and Actions, page 71. For information about
building ingress stage 2 (IS2) keys, see VCAP IS2 Keys and Actions, page 150. For information about
building longest prefix matching (LPM) keys, see VCAP LPM: Keys and Action, page 131. For
information about building egress stage 0 (ES0) keys, see VCAP_ES0 Lookup, page 247.
The following sections describe how to program rules into the VCAPs of the device. First, a general
description of configuration and VCAP operations is provided, including a description of wide VCAP
rules. Second, detailed information about individual VCAPs is provided. Finally, a few practical examples
illustrate how everything fits together when programming rules into VCAPs.
3.12.1
Configuring VCAP
Registers are available in two targets: VCAP_ES0 and VCAP_SUPER. Use VCAP_ES0 to configure the
VCAP ES0 target and the VCAP_SUPER target for all other VCAPs.
The following table lists the registers associated with VCAP_ES0 and VCAP_SUPER.
A rule in the VCAP consists of an entry, action, and counter showing if the entry was hit. Rules are
accessed indirectly though a cache. The cache corresponds to one address in VCAP memory. Software
Table 38 •
VCAP_ES0 and VCAP_SUPER Registers
Register
Description
VCAP_UPDATE_CTRL
Initiates of read/write/move/initialization operations
VCAP_MV_CFG
Configures move/initialization operations
VCAP_CORE_IDX
Resource allocation, core index (does not apply to ES0)
VCAP_CORE_MAP
Resource allocation, mapping of cores (does not apply to ES0)
VCAP_ENTRY_DAT
Cache: Entry data
VCAP_MASK_DAT
Cache: Entry mask
VCAP_ACTION_DAT
Cache: Action
VCAP_CNT_DAT
Cache: Sticky-counter
VCAP_RULE_ENA
Cache: Rule enable (only applies to ES0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com