Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 29 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 29 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
12
the frame’s COS and color indications such as DEI, PCP, and DSCP. Departure statistics are also kept
based on the classified VLAN.
•
Basic VLAN Tagging Operations (Port-based) By default, the egress VLAN actions are
determined by the egress port settings and classified VLAN. These include basic VLAN operations
such as pushing a VLAN tag, untagging for specific VLANs, and simple translations of DEI, PCP,
and DSCP.
•
Advanced VLAN Tagging Operations (Port-based and VCAP-based) By using the egress
VCAP ES0, significantly more advanced VLAN tagging operations can be achieved. ES0 enables
pushing up to three VLAN tags and flexible VLAN tag translation for VLAN tag/TPID, PCP, DEI, and
DSCP control. The lookup by VCAP ES0 includes classified VLAN, egress port, and COS/color
indications.
•
Layer 3 Forwarding (Routing) Operations Supports per-router-leg control of Ethernet link layer
encapsulation and VID, as well as modification of other Layer 3 fields such as IPv4 TTL, IPv4
checksum, and IPv6 hop limit.
•
PTP (IEEE 1588) Operations PTP PDU modifications include insertion/update of time stamps and
correction fields, as well as updating the UDP checksum.
The rewriter pads frames to minimum legal size if needed, and updates the FCS if the frame was
modified before the frame is transmitted.
The egress port module controls the flow control exchange of pause frames with a neighboring device
when the interconnection link operates in full-duplex flow control mode.
3.2.9
CPU Port Module
The CPU port module (DEVCPU) contains eight CPU extraction queues and two CPU injection queues.
These queues provide an interface for exchanging frames between the internal CPU system and the
switch core. An external CPU using the serial interface can also inject and extract frames to and from the
switch core by using the CPU port module.
In addition, any Ethernet interface on the device can be used for extracting and injecting frames. The
Ethernet interface used in this way is called the Node Processor Interface (NPI) and is typically
connected to an external CPU.
Injected frames may be prepended with an injection header to control processing and forwarding of these
frames. Extracted frames may be prepended with an extraction header to supply frame arrival and
classification information associated with each frame. These headers may be used by internal CPU or
external CPU.
The switch core can intercept a variety of different frame types and copy or redirect these to the CPU
extraction queues. The classifier can identify a set of well-known frames, such as IEEE reserved
destination MAC addresses (BPDUs, GARPs, CCM/Link trace), as well as IP-specific frames (IGMP,
MLD). Security VCAP IS2 provides another flexible way of intercepting all kinds of frames, such as
specific OAM frames, ARP frames or explicit applications based on TCP/UDP port numbers. In addition,
frames can be intercepted based on the MAC table, the VLAN table, or the learning process.
Whenever a frame is copied or redirected to the CPU, a CPU extraction queue number is associated with
the frame and used by the CPU port module when enqueuing the frame into the eight CPU extraction
queues. The CPU extraction queue number is programmable for every interception option in the switch
core.
3.2.10
Synchronous Ethernet and Precision Time Protocol (PTP)
The device supports Synchronous Ethernet and IEEE 1588 Precision Time Protocol (PTP) for
synchronizing network timing throughout a network.
Synchronous Ethernet allows for the transfer of precise network timing (frequency) using physical
Ethernet link timing. Each switch port can recover its ingress clock and output the recovered clock to one
of up to four recovered clock output pins. External circuitry can then generate a stable reference clock
input used for egress and core logic timing.
The Precision Time Protocol (PTP) allows for the transfer of precise network timing (frequency) and time
of day (phase) using Ethernet packets. PTP can operate as a one-step clock or a two-step clock. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com