Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 42 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 42 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
25
Ports 0 and 1 are dual-media ports and support either a SerDes interface or a copper transceiver.
Ports 11 through 14 are internal ports defined as follows:
•
Port 11 and port 12: CPU port 0 and 1 (CPU0, CPU1) are used for injection and extraction of frames.
•
Port 13: Virtual device 0 (VD0) is used for multicast routing.
•
Port 14: Virtual device 1 (VD1) is used for AFI frame injections.
The internal ports do not have associated port modules and interface macros.
The following table shows the fixed mapping from interface macros to the device I/O pins.
3.4.1
Supported SerDes Interfaces
The device supports a range of SerDes interfaces. The following table lists the SerDes interfaces
supported by the SerDes ports, including standards, data rates, connectors, medium, and coding for
each interface.
10
DEV10G_1
10 Gbps
SERDES10G_3
11 (CPU0)
No port module
No macro
No macro
12 (CPU1)
No port module
No macro
No macro
13 (VD0)
No port module
No macro
No macro
14 (VD1)
No port module
No macro
No macro
Table 5 •
Interface Macro to I/O Pin Mapping
SERDES Macros
I/O Pin Names
CUPHY_0 to CUPHY_1
P0_D[3:0]N, P0_D[3:0]P through
P1_D[3:0]N, P1_D[3:0]P
SERDES1G_0 to SERDES1G_4
S0_RXN, S0_RXP, S0_TXN, S0_TXP through
S4_RXN, S4_RXP, S4_TXN, S4_TXP
SERDES6G_0 to SERDES6G_1
S5_RXN, S5_RXP, S5_TXN, S5_TXP through
S6_RXN, S6_RXP, S6_TXN, S6_TXP
SERDES10G_0 to SERDES10G_3
S7_RXN, S7_RXP, S7_TXN, S7_TXP through
S10_RXN, S10_RXP, S10_TXN, S10_TXP
Table 6 •
Supported SerDes Interfaces
Port Interface Specification
Port
Speed Data Rate
Connector Medium
Coding
100BASE-FX
IEEE 802.3, Clause 24 100M
125 Mbps
SFP
PCB
4B5B
x x x
SGMII
Cisco
1G
1.25 Gbps
PCB
8B10B
x x x
SFP
SFP-MSA
1G
1.25 Gbps
SFP
PCB
8B10B
x x x
1000BASE-KX IEEE802.3, Clause 70
1G
1.25 Gbps
PCB,
backplane
8B10B
x x x
2.5G
Proprietary (aligned to
SFP)
2.5G
3.125 Gbps
PCB
8B10B
x x
Table 4 •
Default Port Numbering and Port Mappings (continued)
Port Number
Port Module
Maximum
Port Speed
Interface Macro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com