Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
59
the rule. For more information about type-group fields for individual VCAPs, see Individual VCAPs,
page 59.
The following illustration shows an example of inserting a 2-bit entry type-group field and a 3-bit action
type-group field for a VCAP with 36-bit entry data/mask and a 64-bit action. After inserting of type-group,
there is room for 34 additional entry/mask bits and 61 action bits in the cache.
Figure 20 •
VCAP Cache Type-Group Example
When programming the entry’s type-group field, the mask bits must be set to zeros, so that the type-
group bits consist of match-1 or match-0, or both.
Use the following procedure for each address that is part of an entry.
1.
Use the entry’s current address offset and size to find the appropriate type-group field and
associated field-width by using the entry type-group table for the VCAP. Skip step 2 if entry type-
group is not applicable for the VCAP.
2.
Insert the entry type-group field into the cache for a type-group field width of n. Write the value of the
type-group field to bit-positions [n-1:0] in VCAP_ENTRY_DAT and write zeros to bit-positions [n-1:0]
in VCAP_MASK_DAT. In this way, type-group field value 1 becomes match-1 and 0 becomes match-
0.
3.
Fill the remainder of VCAP_ENTRY_DAT and VCAP_MASK_DAT with appropriate entry data. There
will be room for (entry width – type-group width) additional bits of entry data.
Use the following procedure for each address is that is part of an action.
1.
Use the action’s current address offset and size to find the appropriate type-group field and
associated field-width by using the action type-group table for the VCAP. Skip step 2 if action type-
group is not applicable for the VCAP.
2.
Insert the action type-group field into the cache. For a type-group field width of n. Write the value of
the type-group field to bit positions [n-1:0] in VCAP_ACTION_DAT.
3.
Fill the remainder of VCAP_ACTION_DAT with appropriate action data. There will be room for
(action width – type-group width) additional bits of action data.
Counters never use type-group encoding.
3.12.3
Individual VCAPs
This section provides detailed information about the individual VCAPs; VCAP CLM, VCAP IS2, VCAP
LPM, and VCAP ES0. The CLM, IS2, and LPM VCAPs share resources. For more information, see
Sharing Resources, page 57.
0
36
VCAP_ENTRY_DAT
36
VCAP_MASK_DAT
VCAP_ACTION_DAT
32
idx: 0
idx: 1
64
0
32
idx: 0
idx: 1
64
0
32
idx: 0
idx: 1
64
Entry Data
Entry Mask
Action
2
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com