Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
43
•
Far-End Fault facility: In 100BASE-FX, the PCS supports the optional Far-End Fault facility. Both
Far-End Fault Generation (PCS_FX100_CFG.FEFGEN_ENA) and Far-End Fault Detection
(PCS_FX100_CFG.FEFCHK_ENA) are supported. A Far-End Fault incident is recorded in
PCS_FX100_STATUS.FEF_FOUND.
•
Signal Detect: 100BASE-FX has a similar signal detect scheme as of the SGMII and SERDES
modes. For 100BASE-FX, PCS_FX100_CFG.SD_ENA enables signal detect, and
PCS_FX100_CFG.SD_SEL selects the input source. The current status of the signal detect input
can be observed through PCS_FX100_STATUS.SIGNAL_DETECT. For more information about
signal detect, see Signal Detect, page 41.
•
Link Surveillance: The PCS synchronization status can be observed through
PCS_FX100_STATUS.SYNC_STATUS. When synchronization is lost the link breaks and
PCS_FX100_STATUS.SYNC_LOST_STICKY is set. The PCS continuously tries to recover the link.
•
Unidirectional mode: 100BASE-FX has a similar unidirectional mode as for the SGMII and SerDes
modes, enabled through PCS_FX100_CFG.UNIDIR_MODE_ENA.
3.9.4
Port Statistics
Port statistics for DEV1G and DEV2G5 port modules are collected in the assembler and is accessed
through registers in the assembler.
3.10
DEV10G Port Module
The DEV10G port module can be used in the full-duplex operation mode listed in the following table.
3.10.1
MAC
This section describes the high level functions and the configuration options of the Media Access
Controller (MAC) that is used in the DEV10G port modules.
The following table lists the registers associated with configuring the DEV10G MAC.
Table 17 •
DEV10G Operation Mode
Mode
Lane
Speed
(Gbps)
Lanes
Encoding
PCS
Used
IPG
Shrink
(Avg)
Preamble
Shrink
Data
Bandwidth
Payload
Bandwidth
Comment
SFI
10.3125 1
64b/66b
PCS
SFI
No
No
10 Gbps
10 Gbps
Standard
SFI
Table 18 •
DEV10G MAC Configuration Registers Overview
Register
Description
Replication
MAC_ENA_CFG
Enables of Rx and Tx data paths
Per port
MAC_MODE_CFG
Port mode configuration
Per port
MAC_MAXLEN_CFG
Maximum length configuration
Per port
MAC_NUM_TAGS_CFG
Number of tags configuration
Per port
MAC_TAGS_CFG
VLAN/service tag configuration
Three per port
MAC_ADV_CHK_CFG
Advance Check Feature configuration
Per port
MAC_LFS_CFG
Link Fault Signaling configuration
Per port
MAC_LB_CFG
Loopback configuration
Per port
MAC_STICKY
Sticky bit recordings
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com