Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 87 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 83Page - Microsemi Corporation VSC7440 Datasheet HTML 84Page - Microsemi Corporation VSC7440 Datasheet HTML 85Page - Microsemi Corporation VSC7440 Datasheet HTML 86Page - Microsemi Corporation VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
70
The following table defines the pipeline actions associated with the pipeline point.
Note: A frame cannot be assigned both a starting point and an ending point at the same side of the queue
system. For instance, a frame cannot be injected in the analyzer at ANA_CLM and then extracted at
ANA_IN_SW. However, a frame can be injected in the analyzer and then extracted in the rewriter.
3.14
Analyzer
The following sections provides information about the functional aspects of the analyzer (ANA). The
analyzer evokes different actions based on the contents of the frame fields. The analyzer is organized
into the following blocks.
•
VCAP CLM: VCAP Classification matching—keys and actions
•
ANA_CL: Analyzer classifier
•
ANA_L3: VLAN and MSTP
•
VCAP LPM: VCAP longest prefix matching—keys and actions
•
ANA_L3: IP routing
•
VCAP IS2: VCAP Ingress Stage 2—keys and actions
•
ANA_ACL: Access Control Lists
•
ANA_L2: Analyzer Layer 2 forwarding and learning
•
ANA_AC: Analyzer Actions—forwarding, policing, statistics
REW_OU_MIP
Outer OAM half-MIP located in
rewriter
Extraction/copy/injection point for rewriter half MIP function
for:
• UNI-N: Subscriber MIP
• E-NNI: EVC MIP
REW_SAT
Service activation testing
SAT loop point.
REW_PORT_VOE Port VOE in rewriter VOP
Port VOE injection point.
REW_VRAP
VRAP injection point
VRAP injection point.
Table 56 •
Pipeline Actions
Pipeline Action
Description
INJ
Set when CPU-injecting a frame into the processing flow at the associated pipeline point. The
processing starts at the associated pipeline point.
INJ_MASQ
Set when CPU-injecting a frame masqueraded into the processing flow at the associated
pipeline point. The processing starts at the associated pipeline point.
XTR
Assigned to frames being redirected to the CPU. The processing ends at the associated
pipeline point. Frames copied to the CPU are not assigned a pipeline point as the processing
continues.
XTR_UPMEP
Assigned to frames being extracted to the CPU by an Up MEP (VOE). The processing ends at
the associated pipeline point. Frames copied to the CPU are not assigned a pipeline point as
the processing continues.
XTR_LATE_REW
Assigned to MPLS OAM frames by VCAP CLM to instruct the rewriter to terminate the
processing of the frame. The processing ends at the associated pipeline point.
LBK_ASM
Assigned by Up MEPs (VOE) requiring the frame to be looped. This action implies that the
processing in the rewriter is ended at the associated pipeline point and that the processing in
the analyzer after looping the frame starts at the corresponding analyzer pipeline point.
LBK_QS
Assigned by Down MEPs (VOE) requiring the frame to be looped. This action implies that the
processing in the analyzer is ended at the associated pipeline point and that the processing in
the rewriter after looping the frame starts at the corresponding rewriter pipeline point.
Table 55 •
Pipeline Definitions (continued)
Pipeline Point
Block/Mechanism that uses
Pipeline Point
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com