Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 65 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 65 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
48
By setting PCS_10GBASE_R::PCS_CFG.TX_TEST_MODE and
PCS_10GBASE_R::PCS_CFG.RX_TEST_MODE register bits to 1, test pattern mode is enabled in SFI
PCS. The following test patterns are supported as per IEEE 802.3, clause 49.2.8 and clause 49.2.12.
•
Square wave
•
Pseudo random
•
PRBS31
•
User defined
User-defined mode is a slightly modified test pattern in which the scrambler is not initialized with any
seed value, so there will be no errors after every 128-block window.
Different types of test pattern generation can be chosen by configuring
PCS_10GBASE_R::TEST_CFG.TX_TESTPAT_SEL and that of checkers by configuring
PCS_10GBASE_R::TEST_CFG.RX_TESTPAT_SEL. For square wave test pattern generation, period
can be configured using PCS_10GBASE_R::TEST_CFG.TX_SQPW_4B. For pseudo-random test
pattern inversion of seeds and data is enabled by PCS_10GBASE_R::TEST_CFG.TX_DSBL_INV and
PCS_10GBASE_R::TEST_CFG.RX_DSBL_INV.
3.10.2.6 Low Power Idle
The following table lists the configuration and status registers related to EEE in PCS.
3.10.2.7 KR FEC
SFI PCS also supports KR FEC. The following table lists the applicable registers.
PCS_10GBASE_R::PCS_STATUS.TESTP
AT_MATCH
When in test pattern check mode, this bit will read 1 if the
test pattern checker detects a match. When 0, the test
pattern does not match. The test pattern error counts
should still be used along with this register bit to
determine proper test match status. The bit will read back
1 only when the test pattern is matching. This may
happen even while test pattern errors are counted on
other clock cycles.
Per PCS
PCS_10GBASE_R::TEST_ERR_CNT.TES
T_ERR_CNT
Count of detected test pattern errors in Rx test pattern
checker. Write 0 to clear.
Per PCS
Table 27 •
DEV10G PCS EEE Configuration and Status Registers Overview
Target::Register
Description
Replication
PCS_10GBASE_R::EEE_STATUS
SFI PCS low power idle status.
Per PCS
PCS_10GBASE_R::WAKE_ERR_CNT
SFI PCS wake_error_counter value as
specified in IEEE 802.3az, clause
49.2.13.2.4.
Per PCS
Table 28 •
DEV10G KR FEC Configuration and Status Registers Overview
Register
Description
Replication
KR_FEC_CFG
KR FEC configuration register
Per PCS
KR_FEC_STATUS
KR FEC status
Per PCS
KR_FEC_STICKY
KR FEC sticky bits
Per PCS
KR_FEC_CORRECTED
KR FEC corrected error blocks counter
Per PCS
KR_FEC_UNCORRECTED
KR FEC uncorrected error blocks counter
Per PCS
Table 26 •
DEV10G BASE-R PCS Test Pattern Configuration Registers Overview (continued)
Target::Register.Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com