Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 59 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
42
The PCS1G_TSTPAT_MODE_STATUS register holds information about error and lock conditions while
running the jitter test patterns.
3.9.3.6
Low Power Idle
The following table lists the registers associated with Energy Efficient Ethernet (EEE) configuration and
status in PCS.
The PCS supports Energy Efficient Ethernet (EEE) as defined by IEEE 802.3az. The PCS converts low
power idle (LPI) encoding between the MAC and the serial interface transparently. In addition, the PCS
provides control signals to stop data transmission in the SerDes macro. During low power idles, the serial
transmitter in the SerDes macro can be powered down, only interrupted periodically while transmitting
refresh information, which allows the receiver to notice that the link is still up but in power-down mode.
For more information about powering down the serial transmitter in the SerDes macro, see SERDES1G,
page 28 or SERDES6G, page 28.
It is not necessary to enable the PCS for EEE, because it is controlled indirectly by the shared queue
system. It is possible, however, to manually force the PCS into the low power idle mode through
PCS1G_LPI_CFG.TX_ASSERT_LPIDLE. During LPI mode, the PCS constantly encodes low power idle
with periodical refreshes. For more information about EEE, see Energy Efficient Ethernet, page 293.
The current low power idle state can be observed through PCS1G_LPI_STATUS for both receiver and
transmitter:
•
RX_LPI_MODE: Set if the receiver is in low power idle mode.
•
RX_QUIET: Set if the receiver is in the quiet state of the low power idle mode. If cleared while
RX_LPI_MODE is set, the receiver is in the refresh state of the low power idle mode.
The same is observable for the transmitter through TX_LPI_MODE and TX_QUIET.
If an LPI symbol is received, the RX_LPI_EVENT_STICKY bit is set, and if an LPI symbol is transmitted,
the TX_LPI_EVENT_STICKY bit is set. These events are sticky.
The PCS1G_LPI_WAKE_ERROR_CNT wake-up error counter increments when the receiver detects a
signal and the PCS is not synchronized. This can happen when the transmitter fails to observe the wake-
up time or if the receiver is not able to synchronize in time.
3.9.3.7
100BASE-FX
The following table lists the registers associated with 100BASE-FX.
The PCS supports a 100BASE-FX mode in addition to the SGMII and 1000BASE-X SerDes modes. The
100BASE-X mode uses 4-bit/5-bit coding as specified in IEEE 802.3, Clause 24 for fiber connections.
The 100BASE-FX mode is enabled through PCS_FX100_CFG.PCS_ENA, which masks out all PCS1G
related registers.
The following options are available.
Table 15 •
DEV1G and DEV2G5 PCS EEE Configuration Registers Overview
Register
Description
Replication
PCS1G_LPI_CFG
Configuration of the PCS low power idle process Per PCS
PCS1G_LPI_WAKE_ERROR_CNT
Wake error counter
Per PCS
PCS1G_LPI_STATUS
Low power idle status
Per PCS
Table 16 •
DEV1G and DEV2G5 100BASE-FX Configuration Registers Overview
Register
Description
Replication
PCS_FX100_CFG
Configuration of the PCS 100BASE-FX mode
Per PCS
PCS_FX100_STATUS
Status of the PCS 100BASE-FX mode
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com