Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
26
3.4.2
Dual-Media Mode
Ports 0 and 1 are dual-media ports and support either a 1G copper transceiver or a 1G SERDES
interface. The dual-media mode is configurable per port through DEVCPU_GCB::PHY_CFG.PHY_ENA.
3.4.3
10G Modes
The two 10G ports can be used in two different modes:
•
SFI mode The 10G port connects to a SERDES10G macro through a DEV10G port module
enabling 10G SFI.
•
1G/2.5G mode The 10G port connects to a SERDES10G macro through a DEV2G5 port module
enabling 1G and 2.5G port speeds.
The 10G modes are configurable per 10G port through HSIO::HW_CFG. The following illustration shows
an overview of the I/O muxing, associated port modules, and SERDES macros for the 10G ports.
10GBASE-KR IEEE 802.3, Clause 72 10G
1 x 10.3125 Gbps
PCB,
backplane
64B66B
x
SFP+(SFI)
SFF-8431:
Direct Attached Cu
IEEE 802.3, Clause 52
- LAN
10G
1 x 10.3125 Gbps
1 x 10.3125 Gbps
SFP+
PCB, cable 64B66B
x
1.
This column applies to SERDES6G ports, as well as SERDES10G_0 and SERDES10G_1.
Table 6 •
Supported SerDes Interfaces (continued)
Port Interface Specification
Port
Speed Data Rate
Connector Medium
Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com