Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 46 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
29
OB supply options (1.0 V or 1.2 V) for optimized drive strength
OB slew rate control
•
Loopbacks for system diagnostics
3.8
Copper Transceivers
This section describes the high-level functionality and operation of two built-in copper transceivers. The
integration is kept as close to multichip PHY and switch designs as possible. This allows a fast path for
software already running in a similar distributed design while still benefiting from the cost savings
provided by the integration.
3.8.1
Register Access
The registers of the integrated transceivers are not placed in the memory map of the switch, but are
attached instead to the built-in MII management controller 0 of the device. As a result, PHY registers are
accessed indirectly through the switch registers. For more information, see MII Management Controller,
page 350.
In addition to providing the IEEE 802.3 specified 16 MII Standard Set registers, the PHYs contain an
extended set of registers that provide additional functionality. The devices support the following types of
registers:
•
IEEE Clause 22 device registers with addresses from 0 to 31
•
Two pages of extended registers with addresses from 16E1 through 30E1 and 16E2 through 30E2
•
General-purpose registers with addresses from 0G to 30G
•
IEEE Clause 45 device registers accessible through the Clause 22 registers 13 and 14 to support
IEEE 802.3az Energy Efficient Ethernet registers
The memory mapping is controlled through PHY_MEMORY_PAGE_ACCESS::PAGE_ACCESS_CFG.
The following illustration shows the relationship between the device registers and their address spaces.
Figure 9 •
Register Space Layout
3.8.1.1
Broadcast Write
The PHYs can be configured to accept MII PHY register write operations, regardless of the destination
address of these writes. This is enabled in PHY_CTRL_STAT_EXT::BROADCAST_WRITE_ENA. This
enabling allows similar configurations to be sent quickly to multiple PHYs without having to do repeated
MII PHY write operations. This feature applies only to writes; MII PHY register read operations are still
interpreted with “correct” address.
3.8.1.2
Register Reset
The PHY can be reset through software, enabled in PHY_CTRL::SOFTWARE_RESET_ENA. Enabling
this field initiates a software reset of the PHY. Fields that are not described as sticky are returned to their
IEEE 802.3
Standard
Registers
Main Registers
0x0000
0
1
2
3
.
.
.
13
14
15
16
17
18
19
.
.
.
.
.
30
31
Extended
Registers 1
0x0001
16E1
17E1
18E1
19E1
.
.
.
.
.
30E1
Extended
Registers 2
0x0002
16E2
17E2
18E2
19E2
.
.
.
.
.
30E2
Extended
Registers 3
0x0003
16E3
17E3
18E3
19E3
.
.
.
.
.
30E3
General Purpose
Registers
0x0010
0G
1G
2G
3G
.
.
.
.
.
15G
16G
17G
18G
19G
.
.
.
.
.
30G
Clause 45
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com