Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 17Page - Microsemi Corporation VSC7440 Datasheet HTML 18Page - Microsemi Corporation VSC7440 Datasheet HTML 19Page - Microsemi Corporation VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 444 page
background image
Product Overview
VMDS-10492 VSC7440 Datasheet Revision 4.2
4
2.2
Applications
The device targets the following applications.
•
Industrial Ethernet equipment with protection switching and IEEE 1588 timing requirements
•
Fully managed Layer 2 and Layer 3 SMB and SME equipment, such as high port count 1G switches
with 10G aggregation links
VCAP LPM entries (36 bits) per super VCAP block
1K
VCAP IS2 entries (288 bits) per super VCAP block
128
VCAP ES0 entries
512
Layer 3 Routing
Router legs
32
IP unicast routes/hosts per super VCAP block allocated to VCAP LPM for unicast routing IPv4: 1K
IPv6: 256
Next-hop/ARP table entries
256
IP (S,G) or (*, G) multicast groups per super VCAP block allocated to VCAP LPM for
multicast routing
IPv4: 512
IPv6: 128
Multicast router leg masks
256
ECMPs
16
Quality of Service and Security
Ingress QoS mapping table entries
2K
Egress QoS mapping table entries
4K
Security enforcement (ACL) rules (288 bits) per super VCAP block allocated to VCAP IS2 128
Table 1 •
Product Parameters (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com