Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 86 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 86 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 82Page - Microsemi Corporation VSC7440 Datasheet HTML 83Page - Microsemi Corporation VSC7440 Datasheet HTML 84Page - Microsemi Corporation VSC7440 Datasheet HTML 85Page - Microsemi Corporation VSC7440 Datasheet HTML 86Page - Microsemi Corporation VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
69
ANA_OU_MIP
Outer OAM half-MIP located in
analyzer
Extraction/copy/injection point for analyzer half-MIP for:
• UNI-N: Subscriber MIP
• E-NNI: EVC MIP
ANA_OU_SW
Outer software MEP with
extraction controlled by VCAP IS2
SW MEP located between the VOEs and the port for:
• Extraction point for SW Down-MEP
• Injection point for SW Up-MEP
ANA_OU_PROT
Outer protection point controlled
by IPT
Protection discard point controlled by IPT for NNI protection
ANA_OU_VOE
Outer OAM VOE located in
analyzer/VOP
Outer VOE pipeline point for:
• UNI: EVC OAM injection
• E-NNI: OVC OAM Injection
• NNI: Path OAM Extraction
ANA_MID_PROT
Middle protection point located
between outer and inner VOE
controlled by IPT
Protection discard point for path protection controlled by
path MEP.
ANA_IN_VOE
Inner OAM VOE located in
analyzer/VOP
Inner VOE pipeline point for:
• UNI: OVC OAM injection
• NNI: EVC/OVC OAM segment extraction
ANA_IN_PROT
Inner protection point located after
inner VOE controlled by IPT
Protection discard point. Frames are discarded after the
VOEs used for discarding which exit an inactive EVC
Segment
ANA_IN_SW
Inner software MEP with extraction
controlled by VCAP IS2
SW MEP located between the VOEs and shared queue
system for:
• Extraction point for SW Down-MEP
• Injection point for SW Up-MEP
ANA_IN_MIP
Inner OAM half-MIP located in
analyzer
Extraction/copy/injection point for analyzer half MIP for NNI:
EVC/OVC MIP.
ANA_VLAN
Pipeline point associated with
VLAN handling and forwarding
Pipeline point for VLAN discard.
ANA_DONE
Pipeline point after analyzer
Injection point where analyzer is bypassed. Used for
injection directly into rewriter.
REW_IN_MIP
Inner OAM half-MIP located in
rewriter
Extraction/copy/injection point for rewriter half MIP function
for NNI: EVC/OVC MIP.
REW_IN_SW
Inner software MEP located in
rewriter controlled by VCAP_ES0
SW MEP located between the shared queue system and the
VOEs for:
• Injection point for SW Down-MEP
• Extraction point for SW Up-MEP
REW_IN_VOE
Inner OAM VOE located in
rewriter/VOP
Inner VOE pipeline point for:
• UNI: OVC OAM extraction
• NNI: EVC/OVC OAM segment injection
REW_OU_VOE
Outer OAM VOE in rewriter/VOP
Outer VOE pipeline point for:
• UNI: EVC OAM extraction
• E-NNI: OVC OAM extraction
• NNI: Path OAM injection
REW_OU_SW
Outer software MEP located in
rewriter controlled by VCAP_ES0
SW MEP located between the VOEs and the port for:
• Injection point for SW Down-MEP
• Extraction point for SW Up-MEP
Table 55 •
Pipeline Definitions (continued)
Pipeline Point
Block/Mechanism that uses
Pipeline Point
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com