Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
31
duplex mode. Note that while 10BASE-T and 100BASE-T do not require auto-negotiation, 1000BASE-T
does require it (defined by clause 40).
3.8.2.3
1000BASE-T Forced Mode Support
The integrated transceivers provides support for a 1000BASE-T forced test mode. In this mode, the PHY
can be forced into 1000BASE-T mode and does not require manual setting of master/slave at the two
ends of the link. This mode is only for test purposes. Do not use in normal operation. To configure a PHY
in this mode, set PHY_EEE_CTRL.FORCE_1000BT_ENA = 1, with
PHY_CTRL.SPEED_SEL_LSB_CFG = 1 and PHY_CTRL.SPEED_SEL_LSB_CFG = 0.
3.8.2.4
Automatic Crossover and Polarity Detection
For trouble-free configuration and management of Ethernet links, the integrated transceivers include a
robust automatic crossover detection feature for all three speeds on the twisted-pair interface
(10BASE-T, 100BASE-T, and 1000BASE-T). Known as HP Auto-MDIX, the function is fully compliant
with clause 40 of the IEEE 802.3-2002.
Additionally, the device detects and corrects polarity errors on all MDI pairs—a useful capability that
exceeds the requirements of the standard.
Both HP Auto-MDIX detection and polarity correction are enabled in the device by default. Default
settings can be changed using the POL_INV_DIS and PAIR_SWAP_DIS fields in the
PHY_BYPASS_CTRL register. Status bits for each of these functions are located in the
PHY_AUX_CTRL_STAT register.
The integrated transceivers can be configured to perform HP Auto-MDIX, even when auto-negotiation is
disabled (PHY_CTRL.AUTONEG_ENA = 0) and the link is forced into 10/100 speeds. To enable the HP
Auto-MDIX feature, set PHY_BYPASS_CTRL.FORCED_SPEED_AUTO_MDIX_DIS to 0.
The HP Auto-MDIX algorithm successfully detects, corrects, and operates with any of the MDI wiring pair
combinations listed in the following table.
3.8.2.5
Manual MDI/MDI-X Setting
As an alternative to HP Auto-MDIX detection, the PHY can be forced to be MDI or MDI X using
PHY_EXT_MODE_CTRL.FORCE_MDI_CROSSOVER_ENA. Setting this field to 10 forces MDI, and
setting 11 forces MDI-X. Leaving the bits 00 enables the MDI/MDI-X setting to be based on
FORCED_SPEED_AUTO_MDIX_DIS and PAIR_SWAP_DIS in the register PHY_BYPASS_CTRL.
3.8.2.6
Link Speed Downshift
For operation in cabling environments that are incompatible with 1000BASE-T, the device provides an
automatic link speed “downshift” option. When enabled, the device automatically changes its 1000BASE-
T auto-negotiation advertisement to the next slower speed after a set number of failed attempts at
1000BASE-T. No reset is required to exit this state if a subsequent link partner with 1000BASE-T support
is connected. This is useful in setting up in networks using older cable installations that may include only
pairs A and B and not pairs C and D.
Link speed downshifting is configured and monitored using SPEED_DOWNSHIFT_STAT,
SPEED_DOWNSHIFT_CFG, and SPEED_DOWNSHIFT_ENA in the register PHY_CTRL_EXT3.
Table 8 •
Supported MDI Pair Combinations
1, 2
3, 6
4, 5
7, 8
Mode
A
B
C
D
Normal MDI
B
A
D
C
Normal MDI-X
A
B
D
C
Normal MDI with pair swap on C and D pair
B
A
C
D
Normal MDI-X with pair swap on C and D pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com