Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
58
Blocks are located back-to-back in the VCAP memory space. Block 0 is assigned addresses 0 through
1,023; block 1 is assigned addresses 1,024 though 2,047; and so on. Prioritizing of rules based on
address still applies when multiple blocks are assigned to the same VCAP.
To simplify software development, all blocks assigned to the same VCAP should be allocated as one
consecutive region of addresses in memory. After a block of VCAP resources is allocated to a VCAP, it
cannot be reallocated. Resource assignment must be done during startup before the VCAPs are
enabled.
After reset, all VCAP resources default to unallocated power-down mode. To allocate a block from the
shared pool, write block index to VCAP_CORE_IDX.CORE_IDX, then map it to a specific interface by
writing VCAP_CORE_MAP.CORE_MAP. For more information, see the register description for encoding
of owners.
3.12.1.4 Bringing Up VCAP
The contents of the VCAP are unknown after reset. Software must initialize all addresses of the VCAP to
disabled entry and all-zeros in action and counter before enabling lookups.
The default rules of the VCAPs must also be initialized. After lookup is enabled for the VCAPs, default
rules are triggered and applied to frames.
Some VCAPs implement resource sharing. As a result, software must allocate resources as part of
VCAP bring up.
For more information about default addresses rules and resource allocation, see Individual VCAPs,
page 59.
3.12.2
Wide VCAP Entries and Actions
Some VCAPs support entries and actions that are wider than a single address in the VCAP memory. The
size of an entry or action is described as Xn, where n is the number of addresses that is taken up in
memory. When programming an X2 or larger entry or action, addresses are written one by one until the
entire entry or action is written to VCAP memory.
A rule consists of one entry and one action. The size of the rule is described as Xn where n is the largest
of entry or action widths. For example, a rule consisting of an X2 entry and an X4 action is considered to
be an X4 rule. The entry and action must start at the same address, so that address offset 0 for both
entry and action is located at the same address inside the VCAP memory.
When programming a rule where the action is wider than the entry, entry addresses exceeding the size of
the entry must be disabled. When the entry is wider than the action, action addresses exceeding the size
of the action must be set to zeros.
The starting address of an Xn rule must be divisible by n. This means that X1 rules may be placed at any
address, X2 rules may only placed at even addresses, X4 rules may only be placed at addresses
divisible by 4, and so on. During move-operations this puts a restriction on the distance that rules are
moved. In other words, when performing move-operation on a region of VCAP memory that contains
rules of X2 or larger size, the rules must still be at legal addresses after the move.
When a rule is matched by a key, the counter at address offset 0 is incremented.
When writing an X2 or larger rule, software must start with the highest address and end with the lowest
address. This is needed so that rules are not triggered prematurely during writing. When disabling rules,
software must start by disabling the lowest address. This is automatically handled when using the
initialization operation for disabling rules.
3.12.2.1 Type-Group Fields
A special type-group field is required to differentiate rules when a VCAP supports different sized entries
or actions. The type-group is not part of the entry/action description. Software has to manually lookup
and insert type-group field into entry/action data when writing rules to VCAP memory.
The type-group field is placed at the low bits of the entry and/or action. The value and width of the type-
group field differs between VCAPs and depends on the entry/action size of and the address offset into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com