Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 88 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 88 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 84Page - Microsemi Corporation VSC7440 Datasheet HTML 85Page - Microsemi Corporation VSC7440 Datasheet HTML 86Page - Microsemi Corporation VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
71
3.14.1
Initializing the Analyzer
Before the analyzer can be configured, the RAM-based configuration registers must be initialized by
setting ANA_AC:RAM_CTRL:RAM_INIT.RAM_ENA and ANA_AC:RAM_CTRL:RAM_INIT.RAM_INIT
to 1.
The ANA_AC:RAM_CTRL:RAM_INIT.RAM_INIT register is reset by hardware when initialization is
complete.
For information about initializing VCAP CLM, VCAP IS2, and VCAP LPM, see Bringing Up VCAP,
page 58.
3.15
VCAP CLM Keys and Actions
The VCAP CLM is part of the analyzer and enables frame classification using VCAP functionality. This
section provides an overview of all available VCAP CLM keys, followed by information about each key
and action.
For information about how to select which key to use and how the VCAP CLM interacts with other parts
of the analyzer classifier, see VCAP CLM Processing, page 115.
VCAP CLM supports a number of different keys that can be used for different purposes. The keys are of
type X1, X2, X4, X8, or X16, depending on the number of words each key uses. The keys are grouped
after size as shown in the following table.
3.15.1
Keys Overview
The following table lists all VCAP CLM keys and fields and provides a quick overview of which fields are
available in which keys.
Table 57 •
VCAP CLM Keys and Sizes
Key Name
Key Size
Number of Words
Key Type
SGL_MLBS
35 bits
1 word
X1 type
TRI_VID
69 bits
2 words
X2 type
DBL_MLBS
68 bits
TRI_VID_IDX
69 bits
MLL
136 bits
4 words
X4 type
TRI_MLBS
129 bits
PURE_5TUPLE_IP4
137 bits
CUSTOM_4
136 bits
LL_FULL
272 bits
8 words
X8 type
NORMAL
266 bits
NORMAL_5TUPLE_IP4 255 bits
CUSTOM_2
272 bits
NORMAL_7TUPLE
536 bits
16 words
X16 type
CUSTOM_1
527 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com