Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
39
3.9.1.3
Port Mode Configuration
The MAC provides a number of handles for configuring the port mode. With reference to the
MAC_MODE_CFG, MAC_IFG_CFG, and MAC_ENA_CFG registers, the handles are as listed in the
following table.
Clearing MAC_ENA_CFG.RX_ENA stops the reception of frames and further frames are discarded. An
ongoing frame reception is interrupted.
Clearing MAC_ENA_CFG.TX_ENA stops the dequeueing of frames from the egress queues, which
means that frames are held back in the egress queues. An ongoing frame transmission is completed.
TX inter-frame gap (MAC_IFG_CFG.TX_IFG) must be set according to selected speed and mode to
achieve 12 bytes IFG.
3.9.2
Half-Duplex Mode
The following special configuration options are available for half-duplex (HDX) mode.
•
Seed for back-off randomizer. MAC_HDX_CFG.SEED seeds the randomizer used by the back-off
algorithm. Use MAC_HDX_CFG.SEED_LOAD to load a new seed value.
•
Retransmission of frame after excessive collision.
MAC_HDX_CFG.RETRY_AFTER_EXC_COL_ENA determines whether the MAC retransmits
frames after an excessive collision has occurred. If set, a frame is not dropped after excessive
collisions, but the back-off sequence is restarted. This is a violation of IEEE 802.3, but is useful in
non-dropping half-duplex flow control operation.
•
Late collision timing. MAC_HDX_CFG.LATE_COL_POS adjusts the border between a collision
and a late collision in steps of 1 byte. According to IEEE 802.3, section 21.3, this border is permitted
to be on data byte 56 (counting frame data from 1); that is, a frame experiencing a collision on data
byte 55 is always retransmitted, but it is never retransmitted when the collision is on byte 57. For
each higher LATE_COL_POS value, the border is moved 1 byte higher.
•
Rx-to-Tx inter-frame gap. The sum of MAC_IFG_CFG.RX_IFG1 and MAC_IFG_CFG.RX_IFG2
establishes the time for the Rx-to-Tx inter-frame gap. RX_IFG1 is the first part of half-duplex Rx-to-
Tx inter-frame gap. Within RX_IFG1, this timing is restarted if carrier sense (CRS) has multiple high-
low transitions (due to noise). RX_IFG2 is the second part of half-duplex Rx-to-Tx inter-frame gap.
Within RX_IFG2, transitions on CRS are ignored.
3.9.2.1
Type/Length Check
The MAC supports frame lengths of up to 14,000 bytes. The maximum frame accepted by the MAC is
configurable and defined in MAC_MAXLEN_CFG.MAX_LEN.
The MAC allows 1/2/3 tagged frames to be 4/8/12 bytes longer respectively, than the specified maximum
length, with MAC_TAGS_CFG.VLAN_LEN_AWR_ENA. The MAC must be configured to look for VLAN
tags (MAC_TAGS_CFG.VLAN_AWR_ENA). By default, EtherType 0x8100 and 0x88A8 are identified as
VLAN tags. In addition, three custom EtherTypes can be configured by MAC_TAGS_CFG.TAG_ID,
MAC_TAGS_CFG2.TAG_ID2, and MAC_TAGS_CFG2.TAG_ID3.
If a received frame exceeds the maximum length, the frame is truncated and marked as aborted.
The MAC can drop frames with in-range and out-of-range length errors by enabling
MAC_ADV_CHK_CFG.LEN_DROP_ENA.
Table 12 •
DEV1G and DEV2G5 Port Mode Configuration Registers Overview
Register.Field
Description
MAC_MODE_CFG.FDX_ENA
Enables full-duplex mode
MAC_ENA_CFG.RX_ENA
Enables MAC receiver module
MAC_ENA_CFG.TX_ENA
Enables MAC transmitter module
MAC_IFG_CFG.TX_IFG
Adjusts inter frame gap in Tx direction
DEV_RST_CTRL.SPEED_SEL
Configures port speed and data rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com