Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 37 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
20
The IFH is only used to control the rewriter on front ports or send to CPU. It is not transmitted with the
frame. For CPU ports, the information in the extraction IFH is for reference purposes only.
3.3.3
VStaX Header
When frames are sent to or from the NPI port, or when connecting multiple switches together, an optional
VStaX header is inserted into the frames.
The VStaX header consists of a 10-byte payload and is preceded by 2 bytes for the Microsemi EtherType
(0x8880). That is, a total of 12 bytes are inserted into the frame, as shown in the following illustration.
Figure 6 •
Frame With VStaX Header
The layout of the 10-byte VStaX header is shown in the following illustration. In VStaX context, each
switch in a stack is termed a unit.
QOS
TRANSP_DSCP
7
1 bit
Controlled by CPU or
ANA_CL:PORT:QOS_CFG.
DSCP_KEEP_ENA and prevents the
rewriter from remapping DSCP values of
frames sent to front ports when set.
UPDATE_DSCP
6
1 bit
Controlled by CPU,
ANA_CL:PORT:QOS_CFG
DSCP_REWR_MODE_SEL, CLM
DSCP_ENA or ANA_CL:MAP_TBL:
SET_CTRL.DSCP_ENA and causes the
rewriter to update the frame’s DSCP value
with IFH.QOS.DSCP for frames sent to
front ports when set.
DSCP
5:0
6 bits
DSCP value.
Table 2 •
Internal Frame Header Fields (continued)
Field Category
Field Name
Bit
Width
Description
DMAC
SMAC
0x8880
VStaX Header, bit 79-0
Preamble
Frame
Data
FCS
Bit 79
Bit 0
Microsemi EtherType



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com