Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
11
3.2.7
Shared Queue System and Hierarchical Scheduler
The analyzer provides the destination port set of a frame to the shared queue system. It is the queue
system’s task to control the frame forwarding to all destination ports.
The shared queue system embeds memory that can be shared between all queues and ports. Frames
are mapped to queues through a programmable mapping function allowing ingress ports, egress ports,
and QoS classes to be taken into account. The sharing of resources between queues and ports is
controlled by an extensive set of thresholds.
Each egress port implements default schedulers and shapers as shown in the following illustration. Per
egress port, the scheduler sees the outcome of aggregating the egress queues (one per ingress port per
QoS class) into eight QoS classes.
3.2.7.1
Class-Based Queuing (Default Configuration)
By default, aggregation is done in a Deficit Weighted Round Robin fashion (DWRR) with equal weights to
all ingress ports within a QoS class, so byte-accurate weighted round robin scheduling between ingress
ports is performed for each QoS class.
The following illustration shows the default scheduler-shaper configuration. Hierarchical scheduling-
shaping is also possible.
Figure 3 •
Default Scheduler-Shaper Configuration
Scheduling between QoS classes within the port can use one of the three following methods:
•
Strict Priority scheduling. Frames with the highest QoS class are always transmitted before frames
with lower QoS class.
•
Deficit Weighted Round Robin (DWRR) scheduling. Each QoS class serviced using DWRR sets a
DWRR weight ranging from 0 to 31.
•
Combination of Strict Priority and DWRR scheduling. The default configuration is shown, where QoS
classes 7 and 6 use strict priority while QoS classes 5 through 0 use DWRR. But any split between
strict and DWRR QoS classes can be configured.
3.2.8
Rewriter and Frame Departure
Before transmitting the frame on the egress line, the rewriter can modify selected fields in the frame such
as Ethernet headers and VLAN tags, IPv4/IPv6 fields, PTP fields, and FCS. The rewriter also updates
D
W
R
R
S
D
W
R
R
S
Port
Shaper
•
•
•
•
•
•
iCPU
Input Port N
Input Port 0
Virtual Input Queues
QoS Class 7
D
W
R
R
S
•
•
•
iCPU
Input Port N
Input Port 0
Virtual Input Queues
QoS Class 0
QoS Class 0
Shaper
5
4
3
2
1
0
S
T
R
I
C
T
H
M
L
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com