Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 20Page - Microsemi Corporation VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
7
Figure 2 •
Block Diagram
3.2.1
Frame Arrival in Ports and Port Modules
The Ethernet interfaces receive incoming frames and forward these to the port modules.
Two ports are dual media ports supporting either a 1G copper PHY or a 1G SGMII SerDes macro. The
remaining ports all support SerDes macros.
Each port contains a Media Access Controller (MAC) that performs a full suite of checks, such as VLAN
tag-aware frame size checking, frame check sequence (FCS) checking, and pause frame identification.
SerDes ports contain a Physical Coding Sublayer (PCS), which performs 8b/10b or 64b/66b encoding,
auto-negotiation of link speed and duplex mode, and monitoring of the link status.
Symmetric and asymmetric pause flow control are both supported as well as priority-based flow control
(IEEE 802.1Qbb).
Analyzer
Ingress Processing
Rewriter
Egress Processing
Shared Memory Pool
Memory Controller
Hierarchical QoS
Shaper and Scheduler
SerDes1G
Lane
GPIO
nRESET
DDR
DDR3/DDR3L Memory
Controller
GPIO functions:
LED, serial GPIO, UART,
two-wire serial interface,
IRQ, MIIM, LOS,
SyncE, 1588, RefClk
JTAG
SerDes6/10G
Lane
Discard Statistics
Shared Queue System
Automated Frame
Injection (AFI)
Dual Media 1G Port Modules
MAC, PCS
1588/OAM Timestamping
x2
Frame bus
2.5G Port Modules
MAC, PCS
1588/OAM Timestamping
x4
VCore Arbiter
VCore CPU Bus
Switch Core
Registers
VCore SBA
Access
Block
Temperature
Sensor
Interrupt
Controller
Timers
Switch Core
Access
Block
SI Slave
Frame DMA
(FDMA)
Manual Frame
Inject/Extract
MIIM Slave
EJTAG
MIPS 24KEc
MMU
I-Cache
32 kB
D-Cache
32 kB
VRAP
Ethernet Register
Access
1G SGMII
100BASE-FX
2.5G SGMII
1G SGMII
100BASE-FX
Port L2CP Handling
Ingress Classification
(VLAN and QoS Mapping)
Access Control Lists
Policing
(Port, QoS, ACL)
Arrival Stats
Forwarding L2/L3
IEEE1588 Engine
Departure Stats
Egress VCAP Lookup
IEEE1588 Engine
Frame Editing:
VLAN tags
DSCP
IEEE1588
L2/L3/L4
Protection Switching
PCIE
PCIe
JTAG
SI
SI
37
1G CuPHY
1000BASE-T
x2
x3
x4
SerDes1G
Lane
1G Port Modules
MAC, PCS
1588/OAM Timestamping
x3
x2
1G SGMII
100BASE-FX
SerDes10G
Lane
10G Port Modules
MAC, PCS
1588/OAM Timestamping
x2
10G SFI
2.5G SGMII
1G SGMII
100BASE-FX
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com