Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 35 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
18
FWD
AFI_INJ
47
1 bit
Injected into AFI.
RSV
46
1 bit
Reserved field. Must be set to 0.
ES0_ISDX_KEY_EN
A
45
1 bit
Controls use of ISDX in ES0 key.
RSV
44
1 bit
Reserved field. Must be set to 0.
VSTAX_AVAIL
43
1 bit
Received by ANA with valid VSTAX
section.
Extract: Frame received by ANA with valid
VSTAX section.
Inject: Frame to be forwarded based on
VSTAX section.
UPDATE_FCS
42
1 bit
Forces update of FCS.
0: Does not update FCS. FCS is only
updated if frame is modified by hardware.
1: Forces unconditional update of FCS.
RSV
41
1 bit
Reserved field. Must be set to 0.
DST_MODE
40:38
3 bits
Controls format of IFH.DST.
0: ENCAP
1: L3UC routing
2: L3MC routing
3: INJECT
Others: Reserved
SFLOW_MARKING
37
1 bit
Frame forwarded to CPU due to sFlow
sampling.
AGED
36
1 bit
Must be set to 0. Set if frame is aged by
QSYS. Only valid for extraction.
RX_MIRROR
35
1 bit
Signals that the frame is Rx mirrored.
MIRROR_PROBE
34:33
2 bits
Signals mirror probe for mirrored traffic.
0: Not mirrored.
1-3: Mirror probe 0-2.
SRC_PORT
32:27
6 bits
Physical source port number.
May be set by CPU to non-CPU port
number to masquerade another port.
DO_NOT_REW
26
1 bit
Controlled by CPU or
ANA_CL:PORT:QOS_CFG.KEEP_ENA
and prevents the rewriter from making any
changes of frames sent to front ports
when set.
Table 2 •
Internal Frame Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com