Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 63 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
46
DEV10G::MAC_LFS_CFG.LFS_MODE_ENA. It is also possible to configure MAC into unidirectional
mode according to IEEE 802.3, Clause 66, where frames are transmitted while receiving link fault
indication but interleaved by appropriate ordered sets in between
(DEV10G::MAC_LFS_CFG.LFS_UNIDIR_ENA).
3.10.2
Physical Coding Sublayer (PCS)
This section describes the Physical Coding Sublayer (PCS) blocks included in the DEV10G port module.
The following table lists the applicable registers for DEV10G PCS configuration.
The following table lists the applicable registers for DEV10G PCS status.
3.10.2.1 Backplane Auto-Negotiation
Backplane auto-negotiation must be used when normal auto-negotiation is disabled. For the DEV10G
port module there is no specific function or setup available.
3.10.2.2 Link Surveillance
For SFI mode of operation, current link status can be observed through
PCS_10GBASE_R::PCS_STATUS defined as follows:
To receive correct data, the PCS must achieve block lock
(PCS_10GBASE_R::PCS_STATUS.RX_BLOCK_LOCK). This block lock is achieved when PCS detects
a 66-bit boundary. Whenever the block lock is lost or achieved, a sticky bit is set
(PCS_10GBASE_R::PCS_INTR_STAT.LOCK_CHANGED_STICKY). Whenever a large number of false
sync headers is detected HI_BER (PCS_10GBASE_R::PCS_STATUS.RX_HI_BER) is asserted and a
sticky bit is set (PCS_10GBASE_R::PCS_INTR_STAT.RX_HI_BER_STICKY). If a local fault or remote
fault is received, it is flagged in PCS_10GBASE_R::PCS_INTR_STAT.RX_OSET_STICKY, and the
sequence ordered set received can be read from
PCS_10GBASE_R::RX_OSET_FIFO_DATA.RX_OSET_FIFO_DATA.
Table 24 •
DEV10G PCS Configuration Registers Overview
Register
Description
Replication
PCS_CFG
SFI-PCS configuration
Per PCS
PCS_SD_CFG
SFI-PCS signal detect configuration
Per PCS
Table 25 •
DEV10G PCS Status Registers Overview
Register
Description
Replication
PCS_STATUS
SFI-PCS status
Per PCS
TX_ERRBLK_CNT
SFI-PCS counter for number of times transmit FSM enters TX_E state Per PCS
TX_CHARERR_CNT
SFI-PCS counter for number of invalid control characters transmitter
detected from MAC
Per PCS
RX_BER_CNT
SFI-PCS counter for number of times receive BER FSM enters
BER_BAD_SH state (ber_count)
Per PCS
RX_ERRBLK_CNT
SFI-PCS counter for number of times receive FSM enters RX_E state Per PCS
RX_CHARERR_CNT
SFI-PCS counter for receive number of invalid control characters after
decoding
Per PCS
RX_OSET_FIFO_STAT
SFI-PCS receive ordered set FIFO status
Per PCS
RX_OSET_FIFO_DATA
SFI-PCS receive ordered set FIFO data
Per PCS
RX_FSET_FIFO_STAT
SFI-PCS receive F-Sig FIFO status
Per PCS
RX_FSET_FIFO_DATA
SFI-PCS receive F-Sig FIFO data
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com