Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 77 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 77 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
60
3.12.3.1 VCAP CLM
The following table lists the parameters that apply to the VCAP CLM.
The type-group field must be inserted into entries when programming rules, because the VCAP CLM
supports more than one entry size.
The type-group field must be inserted into actions when programming rules, because the VCAP CLM
supports more than one action size.
Table 40 •
VCAP CLM Parameters
Parameter
Description
Number of VCAP addresses
1,024 per block that is allocated to this VCAP
Width of entry
36 bits per address
Width of action
70 bits per address
Counter type
1 bit saturating counter
Supported entry sizes
X1, X2, X4, X8, and X16
Supported action sizes
X1, X2, X4
Associated register target
VCAP_SUPER
Table 41 •
VCAP CLM Entry Type-Group Fields
Address Offset
Size
Entry Type Group
Description
0
X1
0b1
Software must insert 1 bit with the value 1 into first
address of all X1 entries.
0
X2
0b10
Software must insert 2 bit with the value 2 into first
address of all X2 entries.
0
X4
0b100
Software must insert 3 bit with the value 4 into first
address of all X4 entries.
0
X8
0b1000
Software must insert 4 bit with the value 8 into first
address of all X8 entries.
0
X16
0b10000
Software must insert 5 bit with the value 16 into first
address of all X16 entries.
1, 3, 5, 7, 9, 11, 13, and 15
0b0
Software must insert 1 bit with the value 0 into
uneven addresses of all entries.
2, 6, 10, and 14
0b00
Software must insert 2 bit with the value 0 into
addresses 2, 6, 10, and 14 of all entries.
4 and 12
0b000
Software must insert 3 bit with the value 0 into
addresses 4 and 12 of all entries.
8
0b0000
Software must insert 4 bit with the value 0 into
addresses 8 of all entries.
Table 42 •
VCAP CLM Action Type-Group Fields
Address Offset
Size
Action Type Group
Description
0
X1
0b1
Software must insert 1 bit with the value 1 into first
address of all X1 actions.
0
X2
0b10
Software must insert 2 bit with the value 2 into first
address of all X2 actions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com