Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 34 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
17
DST when
FWD.DST_MODE is
ENCAP
TYPE_AFTER_POP
134:133
2 bits
0: ETH - Normal Ethernet header, starting
with DMAC.
1: CW.
First 4 bits:
4: IPv4 header.
6: IPv6 header.
Others: MPLS CW (see RFC 4385)
2: MPLS. MPLS shim header follows.
W16_POP_CNT
132:128
5 bits
Number of WORD16 (= 2 bytes) to be
popped by rewriter, starting from
beginning of frame.
DST when
FWD.DST_MODE is
“L3UC”
RSV
191:183
9 bits
Reserved field. Must be set to 0.
ERLEG
182:176
7 bits
Egress router leg.
NEXT_HOP_DMAC
175:128
48 bits
Next hop DMAC. Only used for unicast
routing.
DST when
FWD.DST_MODE is
“L3MC”
RSV
191:152
40 bits
Reserved field. Must be set to 0.
L3MC_GRP_IDX
151:142
10 bits
IP multicast group used for L3 multicast
copies.
ERLEG
141:135
7 bits
Egress router leg.
COPY_CNT
134:128
7 bits
Number of multicast routed copies. Only
used for multicast routing.
VSTAX
127:48
80 bits
VStaX. See VStaX Header, page 20.
Table 2 •
Internal Frame Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com