Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 67 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 67 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
50
3.11
Assembler
The assembler (ASM) block is responsible for collecting words from the smaller taxi bus and assembling
them into cells. It is also responsible for the loopback path between the rewriter and the analyzer.
For the first cell of a frame, which is the SOF cell, the assembler adds room for a 28-byte internal frame
header (IFH). On a stacking port, the stacking tag is extracted from the frame data and placed in the
respective part of the IFH.
The assembler receives a calendar sequence from the queue system defining in the sequence the ports
should be served on the outgoing cell bus.
The assembler also detects PAUSE frames and forwards the extracted PAUSE information to the
disassembler. PFC pause information extracted from PFC PAUSE frames are forwarded to the queue
system.
Finally, the assembler collects the port statistics for all lower speed ports, which are the DEV1G and
DEV2G5 ports. Statistics for the high-speed DEV10G ports are handled locally in the port module.
3.11.1
Setting Up a Port in the Assembler
The following table lists the port configuration registers within the assembler. Ethernet ports and CPU
ports are configured using the same registers. Some of the fields are only relevant for setting up a CPU
port (internal or external) and they will be covered in a later section.
TX_PAUSE_CNT
Tx Pause frame counter.
TX_UC_CNT
Tx unicast frame counter.
TX_MC_CNT
Tx multicast frame counter.
TX_BC_CNT
Tx broadcast frame counter.
TX_SIZE64_CNT
Tx 64 byte frame counter.
TX_SIZE65TO127_CNT
Tx 65-127 byte frame counter.
TX_SIZE128TO255_CNT
Tx 128-255 byte frame counter.
TX_SIZE256TO511_CNT
Tx 256-511 byte frame counter.
TX_SIZE512TO1023_CNT
Tx 512-1023 byte frame counter.
TX_SIZE1024TO1518_CNT
Tx 1024-1518 byte frame counter.
TX_SIZE1519TOMAX_CNT
Tx 1519 to max. length byte frame counter.
RX_ALIGNMENT_LOST_CNT
Counter to track the dribble-nibble (extra nibble) errors in frames.
RX_TAGGED_FRMS_CNT
Counts frames that are tagged (C-tagged or S-tagged).
RX_UNTAGGED_FRMS_CNT
Counts frames that are Not tagged (neither C-tagged nor S-tagged).
TX_TAGGED_FRMS_CNT
Counts frames that are tagged (C-tagged or S-tagged).
TX_UNTAGGED_FRMS_CNT
Counts frames that are Not tagged (neither C-tagged nor S-tagged).
RX_HIH_CKSM_ERR_CNT
Rx HiH checksum error counter.
RX_XGMII_PROT_ERR_CNT
Rx XGMII protocol error counter.
Table 30 •
Port Configuration Register Overview
Target::Register.Field
Description
Replication
ASM::PORT_CFG.NO_PREAMBLE_ENA
Preamble configuration of incoming frames.
Per port
ASM::PORT_CFG.SKIP_PREAMBLE_ENA
Preamble configuration of incoming frames.
Per port
Table 29 •
DEV10G Statistics Registers Overview (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com