Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 94 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 94 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation VSC7440 Datasheet HTML 94Page - Microsemi Corporation VSC7440 Datasheet HTML 95Page - Microsemi Corporation VSC7440 Datasheet HTML 96Page - Microsemi Corporation VSC7440 Datasheet HTML 97Page - Microsemi Corporation VSC7440 Datasheet HTML 98Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
77
LBL1
MPLS Label Stack entry 1 - Label.
20
x
TC1
MPLS Label Stack entry 1 - TC bits.
3
x
SBIT1
MPLS Label Stack entry 1 - S-bit.
1
x
TTL1_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 1.
1
x
RSV_LBL_POS
Reserved label position:
0: Reserved label at position 0 seen or skipped.
1: Reserved label at position 1 seen or skipped.
2: Reserved label at position 2 seen or skipped.
3: Reserved label at position 3 seen.
4: Reserved.
5: No reserved label seen.
Label at top of stack is position 0, followed by 1, 2, and 3.
In order for a reserved label to be skipped, either
ANA_CL::MPLS_RSV_LBL_CFG[<label>].RSVD_LBL_SKIP_ENA or
ANA_CL::MPLS_MISC_CFG.CLM_RSVD_LBL_SKIP_ENA[<clm idx>]
must be set.
3x
OAM_Y1731
Set if frame's EtherType = 0x8902.
1
x
OAM_MEL_FLAGS
Encoding of MD level/MEG level (MEL). One bit for each level where
lowest level encoded as zero.
The following keys can be generated:
MEL=0: 0x0000000
MEL=1: 0x0000001
MEL=2: 0x0000011
MEL=3: 0x0000111
MEL=4: 0x0001111
MEL=5: 0x0011111
MEL=6: 0x0111111
MEL=7: 0x1111111
Together with the mask, the following kinds of rules may be created:
- Exact match. Fx. MEL=2: 0x0000011
- Below. Fx. MEL<=4: 0x000XXXX
- Above. Fx. MEL>=5: 0xXX11111
- Between. Fx. 3<= MEL<=5: 0x00XX111,
where 'X' means don't care.
Overloading:
For non-Y1731 OAM frames (OAM_Y1731 = 0), OAM_MEL_FLAGS
encodes an EtherType identifier:
0: IPv4frame (EtherType = 0x0800)
1: IPv6 frame (EtherType = 0x86DD)
2: Downstream assigned label (EtherType = 0x8847)
3: Upstream assigned label (EtherType = 0x8848)
4: LCC/SNAP (EtherType < 0x0600)
5: (R)ARP (EtherType = 0x0806 or 0x8035)
6: Reserved
7: Other
7x
Table 60 •
VCAP CLM X2 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com