Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 41 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 41 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
24
3.4
Port Numbering and Mappings
The switch core contains an internal port numbering domain where ports are numbered from 0 through
14. A port connects to a port module, which connects to an interface macro, which connects to I/O pins
on the device. The port modules are DEV2G5 or DEV10G. The interface macros are SERDES1G,
SERDES6G, SERDES10G, or a copper transceiver.
Some ports are internal to the device and do not connect to port modules or interface macros. For
example, internal ports are used for frame injection and extraction to the CPU queues.
The following table shows the default port numbering and how the ports map to port modules and
interface macros.
SRC
SRC_ADDR_MODE 10
1 bit
0: src_ind_port:
Individual port. Source consists of src_upsid and
src_upspn.
1: src_glag: Source consists of src_glag.
SRC_PORT_TYPE 11
1 bit
Only applicable if src_addr_mode==src_ind_port.
Reserved and must be set to 0 if
src_addr_mode==src_glag.
0: port_type_upspn.
1: port_type_intpn.
SRC_UPSID
9:5
5 bits
If src_addr_mode = src_ind_port:
ID of stack unit port set, where the frame was
initially received.
SRC_UPSPN
4:0
5 bits
If src_addr_mode = src_ind_port and
src_port_type = port_type_upspn:
Logical port number of the port (on source ups),
where the frame was initially received.
SRC_INTPN
3:0
4 bits
If src_addr_mode = src_ind_port and
src_port_type = port_type_intpn:
Internal port number.
SRC_GLAGID
0
5 bits
If src_addr_mode = src_glag:
ID of the GLAG.
Table 4 •
Default Port Numbering and Port Mappings
Port Number
Port Module
Maximum
Port Speed
Interface Macro
0
DEV2G5_0
1 Gbps
SERDES1G_0 or CUPHY_0
1
DEV2G5_1
1 Gbps
SERDES1G_1 or CUPHY_1
2
DEV2G5_2
1 Gbps
SERDES1G_2
3
DEV2G5_3
1 Gbps
SERDES1G_3
4 (NPI)
DEV2G5_4
1 Gbps
SERDES1G_4
5
DEV2G5_5
2.5 Gbps
SERDES6G_0
6
DEV2G5_6
2.5 Gbps
SERDES6G_1
7
DEV2G5_7
2.5 Gbps
SERDES10G_0
8
DEV2G5_8
2.5 Gbps
SERDES10G_1
9
DEV10G_0
10 Gbps
SERDES10G_2
Table 3 •
VStaX Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com