Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
38
3.9.1.1
Clock and Reset
There is a number of resets in the port module. All of the resets can be set and cleared simultaneously.
By default, all blocks are in the reset state. With reference to DEV_RST_CTRL register, the resets are as
listed in the following table.
When changing the MAC configuration, the port must go through a reset cycle. This is done by writing
register DEV_RST_CTRL twice. On the first write, the reset bits are set. On the second write, the reset
bits are cleared. The non-reset field DEV_RST_CTRL.SPEED_SEL must keep its new value for both
writes.
3.9.1.2
Interrupts
The following table lists the eight interrupt sources defined for DEV1G and DEV2G5 port modules. For
more information about general interrupt handling, see Interrupt Controller, page 364.
MAC_MODE_CFG
Port mode configuration
Per port module
MAC_MAXLEN_CFG
Maximum length configuration
Per port module
MAC_TAGS_CFG
VLAN/service tag configuration
Per port module
MAC_TAGS_CFG2
VLAN/service tag configuration 2
Per port module
MAC_ADV_CHK_CFG
Configuration to enable dropping of Type/Length error frames
Per port module
MAC_IFG_CFG
Inter-frame gap configuration
Per port module
MAC_HDX_CFG
Half-duplex configuration
Per port module
MAC_STICKY
Sticky bit recordings
Per port module
Table 10 •
DEV1G and DEV2G5 Reset
Register.Field
Description
DEV_RST_CTRL.MAC_RX_RST
Reset MAC receiver
DEV_RST_CTRL.MAC_TX_RST
Reset MAC transmitter
DEV_RST_CTRL.PCS_RX_RST
Reset PCS receiver
DEV_RST_CTRL.PCS_TX_RST
Reset PCS transmitter
Table 11 •
DEV1G and DEV2G5 Interrupt Sources Register Overview
Register.Field
Description
DEV1G_INTR.FEF_FOUND_INTR_STICKY
Far-end-fault indication found
DEV1G_INTR.TX_LPI_INTR_STICKY
Low power idle transmit interrupt
DEV1G_INTR.RX_LPI_INTR_STICKY
Low power idle receive interrupt
DEV1G_INTR.AN_PAGE_RX_INTR_STICKY
New page event received by ANEG
DEV1G_INTR.AN_LINK_UP_INTR_STICKY
ANEG - Link status has changed to up
DEV1G_INTR.AN_LINK_DWN_INTR_STICKY
ANEG - Link status has changed to down
DEV1G_INTR.LINK_UP_INTR_STICKY
Link status is up
DEV1G_INTR. LINK_DWN_INTR_STICKY
Link status is down
Table 9 •
DEV1G and DEV2G5 MAC Configuration Registers Overview (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com