Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
16
DST when
FWD.DST_MODE is
INJECT
RSV
191:181
11 bits
Reserved field. Must be set to 0.
DST PORT_MASK
180:128
53 bits
Injection destination port mask where
each bit representing a physical port (only
used for injection).
DST when
FWD.DST_MODE is
ENCAP
RSV
191:190
2 bits
Reserved field. Must be set to 0.
RT_FWD
189
1 bit
Update IP4 TTL and chksum/ip6 Hopcnt.
SWAP_MAC
188
1 bit
Instruct rewriter to swap MAC addresses.
TAG_TPID
187:186
2 bits
Tag protocol IDs.
0: Standard TPID as specified in
VSTAX.TAG.TAG_TYPE.
1: custom1 stag TPID.
2: custom2 stag TPID.
3: custom3 stag TPID.
RSV
185:184
2 bits
Reserved field. Must be set to 0.
GEN_IDX
183:174
10 bit
Generic index.
VSI when GEN_IDX_MODE = 1.
GEN_IDX_MODE
173
1 bit
0: Reserved.
1: VSI.
PROT_ACTIVE
172
1 bit
Protect is active.
PDU_W16_OFFSET 171:166
6 bits
PDU WORD16 (= 2 bytes) offset from
W16_POP_CNT to Protocol data unit
(PDU).
PDU_TYPE
165:163
3 bits
PDU type used to handle OAM, PTP and
SAT.
0: None.
1: OAM_Y1731.
2: OAM_MPLS_TP.
3: PTP.
4: IP4_UDP_PTP.
5: IP6_UDP_PTP.
6: Reserved.
7: SAM_SEQ.
CL_RSLT
162:147
16 bits
Classified MATCH_ID combined from
VCAP CLM and VCAP IS2. Used if the
frame is forwarded to the CPU.
MPLS_TTL
146:139
8 bits
TTL value for possible use in MPLS label.
MPLS_SBIT
138
1 bit
SBIT of last popped MPLS label. for
possible use in MPLS label.
MPLS_TC
137:135
3 bits
TC value for possible use in MPLS label.
Table 2 •
Internal Frame Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com