Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 44 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 44 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
27
Figure 8 •
10G Muxing
The following table shows how the 10G ports connect to port modules and to SERDES macros for the
different modes.
3.4.4
Logical Port Numbers
The analyzer and the rewriter uses in many places a logical port number. For instance, when link
aggregation is enabled, all ports within a link aggregation group must be configured to use the physical
port number of the port with the lowest port number within the group as logical port group ID. The
Table 7 •
10G Modes
10G Mode
Port Number
Port Module
SERDES Macros
SFI
9
DEV10G_0
SERDES10G_2
10
DEV10G_1
SERDES10G_3
1G/2.5G
9
DEV2G5_9
SERDES10G_2
10
DEV2G5_10
SERDES10G_3
DEV10G_0
Port #9
MAC10G
HSIO::HW_CFG.DEV10G_0_MODE
10.3125 Gbps
S9_TX/RXN/P
XGANA
XGDIG
XGXFI
PCS10G_BR
DEV10G
Register target
Switch core
KR FEC
PCS1G
(SGMII)
DEV2G5_9
Port #9
MAC1G
1.25 Gbps
DEV2G5
PCS_XFI
(SFI)
XGKR0
XGKR1
DEV10G_1
Port #10
MAC10G
HSIO::HW_CFG.DEV10G_1_MODE
10.3125 Gbps
S10_TX/RXN/P
XGANA
XGDIG
XGXFI
PCS10G_BR
DEV10G
Switch core
KR FEC
PCS1G
(SGMII)
DEV2G5_10
Port #10
MAC1G
1.25 Gbps
DEV2G5
PCS_XFI
(SFI)
XGKR0
XGKR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com