Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
56
access the cache using the VCAP configuration registers VCAP_ENTRY_DAT, VCAP_MASK_DAT,
VCAP_ACTION_DAT, and VCAP_CNT_DAT.
The following illustration shows an example cache register mapping for a VCAP with 36-bit entry
data/mask, 70-bit action, and a 1-bit sticky counter. Cache registers are replicated to accommodate fields
that are wider than 32 bits. For example, if the entry size is 36 bits, bits [31:0] are accessed using
VCAP_ENTRY_DAT[0][31:0], and bits [35:32] are accessed using VCAP_ENTRY_DAT[1][3:0].
Figure 19 •
VCAP Cache Layout Example
Entries have both entry data and entry mask fields. This allows a don’t-care of any bit position in the key
when matching a key against entries.
When programming a rule that does not use all the available bits in the cache, remaining (undefined)
entry bits must be set to match-0, and action bits must be set to zeros.
Table 39 •
Entry Bit Encoding
VCAP_ENTRY_DAT[n]/V
CAP_MASK_DAT[n]
Description
0/0
Bit n is encoded for the match-0 operation. When a key is applied to the VCAP, this bit
in the entry will match a 0 at position n in the key.
0/1
Bit n is encoded for match-any operation. When a key is applied to the VCAP, this bit in
the entry will match both 0 and 1 at position n in the key.
This encoding is sometimes referred to as don’t care.
1/0
Bit n is encoded for match-1 operation. When a key is applied to the VCAP, this bit in
the entry will match a 1 at position n in the key.
1/1
Bit n is encoded for match-off operation. The entry will never match any keys.
This encoding is not available in the VCAP ES0. Instead, it is treated as match-any.
0
36
VCAP_ENTRY_DAT
36
VCAP_MASK_DAT
VCAP_ACTION_DAT
32
idx: 0
idx: 1
64
0
32
idx: 0
idx: 1
64
0
32
idx: 0
idx: 1
64
VCAP_CNT_DAT
1
0
idx: 0
32
Entry Data
Entry Mask
Action
Counter
70
idx: 2
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com