Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 57 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 57 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
40
3.9.3
Physical Coding Sublayer (PCS)
This section provides information about the Physical Coding Sublayer (PCS) block, where the auto-
negotiation process establishes mode of operation for a link. The PCS supports an SGMII mode and two
SerDes modes, 1000BASE-X and 100BASE-FX.
The following table lists the registers associated with the PCS.
The PCS is enabled in PCS1G_CFG.PCS_ENA and PCS1G_MODE_CFG.SGMII_MODE_ENA selects
between the SGMII and SerDes mode. For information about enabling 100BASE-FX, see 100BASE-FX.
The PCS supports the IEEE 802.3, Clause 66 unidirectional mode, where the transmission of data is
independent of the state of the receive link (PCS1G_MODE_CFG.UNIDIR_MODE_ENA).
3.9.3.1
Auto-Negotiation
Auto-negotiation is enabled with PCS1G_ANEG_CFG.ANEG_ENA. To restart the auto-negotiation
process, PCS1G_ANEG_CFG.ANEG_RESTART_ONE_SHOT must be set.
In SGMII mode (PCS1G_MODE_CFG.SGMII_MODE_ENA = 1), matching the duplex mode with the link
partner must be ignored (PCS1G_ANEG_CFG.SW_RESOLVE_ENA). Otherwise the link is kept down
when the auto-negotiation process fails.
The advertised word for the auto-negotiation process (base page) is configured in
PCS1G_ANEG_CFG.ADV_ABILITY. The next page information is configured in
PCS1G_ANEG_NP_CFG.NP_TX.
When the auto-negotiation state machine has exchanged base page abilities, the
PCS1G_ANEG_STATUS.PAGE_RX_STICKY is asserted indicating that the link partner’s abilities were
received (PCS1G_ANEG_STATUS.LP_ADV_ABILITY).
If next page information need to be exchanged (only available in SerDes model, that is,
PCS1G_MODE_CFG.SGMII_MODE_ENA = 0), PAGE_RX_STICKY must be cleared, next page abilities
must be written to PCS1G_ANEG_NP_CFG.NP_TX, and
PCS1G_ANEG_NP_CFG.NP_LOADED_ONE_SHOT must be set. When the auto-negotiation state
machine has exchanged the next page abilities, the PCS1G_ANEG_STATUS.PAGE_RX_STICKY is
asserted again indicating that the link partner’s next page abilities were received
(PCS1G_ANEG_STATUS.LP_NP_RX). Additional exchanges of next page information are possible
using the same procedure.
Next page engagement is coded in bit 15 of Base Page of Next page information.
Table 13 •
DEV1G and DEV2G5 PCS Configuration Registers Overview
Register
Description
Replication
PCS1G_CFG
PCS configuration
Per PCS
PCS1G_MODE_CFG
PCS mode configuration
Per PCS
PCS1G_SD_CFG
Signal Detect configuration
Per PCS
PCS1G_ANEG_CFG
Auto-negotiation configuration register
Per PCS
PCS1G_ANEG_NP_CFG
Auto-negotiation next page configuration
Per PCS
PCS1G_LB_CFG
Loopback configuration
Per PCS
PCS1G_ANEG_STATUS
Status signaling of PCS auto-negotiation process
Per PCS
PCS1G_ANEG_NP_STATUS
Status signaling of the PCS auto-negotiation next page process
Per PCS
PCS1G_LINK_STATUS
Link status
Per PCS
PCS1G_LINK_DOWN_CNT
Link down counter
Per PCS
PCS1G_STICKY
Sticky bit register
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com