Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 96 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 96 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation VSC7440 Datasheet HTML 94Page - Microsemi Corporation VSC7440 Datasheet HTML 95Page - Microsemi Corporation VSC7440 Datasheet HTML 96Page - Microsemi Corporation VSC7440 Datasheet HTML 97Page - Microsemi Corporation VSC7440 Datasheet HTML 98Page - Microsemi Corporation VSC7440 Datasheet HTML 99Page - Microsemi Corporation VSC7440 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
79
L2_SMAC
Source MAC address.
48
x
ETYPE_MPLS
EtherType identifier:
0: Non-MPLS.
1: Downstream Assigned Label (EtherType = 0x8847).
2: Upstream Assigned Label (EtherType = 0x8848).
2x
LBL0
MPLS Label Stack entry 0 - Label (Top Label).
20
x
TC0
MPLS Label Stack entry 0 - TC bits (Top Label).
3
x
SBIT0
MPLS Label Stack entry 0 - S-bit (Top Label).
1
x
TTL0_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 0.
1
x
LBL1
MPLS Label Stack entry 1 - Label.
20
x
TC1
MPLS Label Stack entry 1 - TC bits.
3
x
SBIT1
MPLS Label Stack entry 1 - S-bit.
1
x
TTL1_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 1.
1
x
LBL2
MPLS Label Stack entry 2 - Label.
20
x
TC2
MPLS Label Stack entry 2 - TC bits.
3
x
SBIT2
MPLS Label Stack entry 2 - S-bit.
1
x
TTL2_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 2.
1
x
RSV_LBL_VAL
Reserved label value. Only valid if RSV_LBL_POS > 0.
4x
CW_ACH
The 32 bits following the label with S-bit set.
32
x
RSV_LBL_POS
Reserved label position:
0: Reserved label at position 0 seen or skipped.
1: Reserved label at position 1 seen or skipped.
2: Reserved label at position 2 seen or skipped.
3: Reserved label at position 3 seen.
4: Reserved.
5: No reserved label seen.
Label at top of stack is position 0, followed by 1, 2, and 3.
In order for a reserved label to be skipped, either
ANA_CL::MPLS_RSV_LBL_CFG[<label>].RSVD_LBL_SKIP_ENA or
ANA_CL::MPLS_MISC_CFG.CLM_RSVD_LBL_SKIP_ENA[<clm idx>]
must be set.
3x
L3_FRAGMENT
Set if IPv4 frame is fragmented (More Fragments flag = 1 or Fragments
Offset > 0).
1x
L3_FRAG_OFS_GT0
Set if IPv4 frame is fragmented but not the first fragment (Fragments
Offset > 0)
1x
L3_OPTIONS
Set if IPv4 frame contains options (IP len > 5). IP options are not parsed. 1
x
Table 61 •
VCAP CLM X4 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com