Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 99 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 99 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 95Page - Microsemi Corporation VSC7440 Datasheet HTML 96Page - Microsemi Corporation VSC7440 Datasheet HTML 97Page - Microsemi Corporation VSC7440 Datasheet HTML 98Page - Microsemi Corporation VSC7440 Datasheet HTML 99Page - Microsemi Corporation VSC7440 Datasheet HTML 100Page - Microsemi Corporation VSC7440 Datasheet HTML 101Page - Microsemi Corporation VSC7440 Datasheet HTML 102Page - Microsemi Corporation VSC7440 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
82
IGR_PORT_MASK_SEL
Mode selector for IGR_PORT_MASK.
0: Default setting.
1: Set for frames received from a loopback device, i.e. LBK_DEV*.
2: Set for masqueraded frames if
ANA_CL::CLM_MISC_CTRL.MASQ_IGR_MASK_ENA == 1.
A masqueraded frame is identified by the following criteria:
(ifh.fwd.dst_mode == inject && ifh.src_port != physical_src_port)
||
(misc.pipeline_act == inj_masq)
3: Set for the following frame types:
3.a: CPU injected frames and
ANA_CL::CLM_MISC_CTRL.CPU_IGR_MASK_ENA == 1.
3.b: Frames received from VD0 or VD1 and
ANA_CL::CLM_MISC_CTRL.VD_IGR_MASK_ENA == 1.
3.c: Frame received on a loopback device and
ANA_CL::CLM_MISC_CTRL.LBK_IGR_MASK_SEL3_ENA == 1.
If a frame fulfills multiple of above criteria, then higher value of
IGR_PORT_MASK_SEL takes precedence.
2x x
IGR_PORT_MASK
Ingress port mask.
IGR_PORT_MASK_SEL == 0:
Each bit in the mask correspond to physical ingress port.
IGR_PORT_MASK_SEL == 1:
Each bit in the mask correspond to the physical port which the frame
was looped on.
IGR_PORT_MASK_SEL == 2:
Each bit in the mask correspond to the masqueraded port.
If IGR_PORT_MASK_SEL == 3:
Bit 0: Physical src port == CPU0.
Bit 1: Physical src port == CPU1.
Bit 2: Physical src port == VD0.
Bit 3: Physical src port == VD1.
Bits 4:9: Src port (possibly masqueraded).
Bits 44:48: ifh.misc.pipeline_pt.
Bits 49:51: ifh.misc.pipeline_act.
Bits 52: Reserved.
53
x x
L2_MC
Set if frame’s destination MAC address is a multicast address (bit 40 =
1).
1x x
L2_BC
Set if frame’s destination MAC address is the broadcast address
(FF-FF-FF-FF-FF-FF).
1x x
Table 62 •
VCAP CLM X8 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com