Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 99Page - Microsemi Corporation VSC7440 Datasheet HTML 100Page - Microsemi Corporation VSC7440 Datasheet HTML 101Page - Microsemi Corporation VSC7440 Datasheet HTML 102Page - Microsemi Corporation VSC7440 Datasheet HTML 103Page - Microsemi Corporation VSC7440 Datasheet HTML 104Page - Microsemi Corporation VSC7440 Datasheet HTML 105Page - Microsemi Corporation VSC7440 Datasheet HTML 106Page - Microsemi Corporation VSC7440 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
86
L4_SPORT
TCP/UDP source port.
Overloading:
OAM Y.1731 frames: L4_SPORT = OAM MEL flags, see below.
TCP_UDP is at the same time set to 1 to indicate the overloading.
OAM MEL flags:
Encoding of MD level/MEG level (MEL). One bit for each level where
lowest level encoded as zero.
The following keys can be generated:
MEL=0: 0b0000000.
MEL=1: 0b0000001.
MEL=2: 0b0000011.
MEL=3: 0b0000111.
MEL=4: 0b0001111.
MEL=5: 0b0011111.
MEL=6: 0b0111111.
MEL=7: 0b1111111.
Together with the mask, the following kinds of rules may be created:
Exact match. Fx. MEL=2: 0b0000011.
Below. Fx. MEL<=4: 0b000XXXX.
Above. Fx. MEL>=5: 0bXX11111.
Between. Fx. 3<= MEL<=5: 0b00XX111,
where ‘X’ means don’t care.
16
x x
L4_RNG
Range mask. Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP, custom.
Input into range checkers is taken from frame except DSCP value
which is the remapped DSCP value from basic classification.
8x x
IP_PAYLOAD_5TUPLE
Payload bytes after IP header. IPv4 options are not parsed so payload
is always taken 20 bytes after the start of the IPv4 header.
32
x
CUSTOM2
32 bytes payload starting from current frame pointer position, as
controlled by VCAP CLM actions.
Note that if frame_type==ETH, then payload is retrieved from a
position following the Ethernet layer; for example, after DMAC, SMAC,
0-3 VLAN tags and EtherType.
256
x
Table 62 •
VCAP CLM X8 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com