Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 104 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 104 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 100Page - Microsemi Corporation VSC7440 Datasheet HTML 101Page - Microsemi Corporation VSC7440 Datasheet HTML 102Page - Microsemi Corporation VSC7440 Datasheet HTML 103Page - Microsemi Corporation VSC7440 Datasheet HTML 104Page - Microsemi Corporation VSC7440 Datasheet HTML 105Page - Microsemi Corporation VSC7440 Datasheet HTML 106Page - Microsemi Corporation VSC7440 Datasheet HTML 107Page - Microsemi Corporation VSC7440 Datasheet HTML 108Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
87
3.15.6
VCAP CLM X16 Key Details
The X16 keys include an X16_TYPE field, which is used to tell difference between the keys. It takes a
unique value for each key. The following table lists details about the fields applicable to these keys.
Table 63 •
VCAP CLM X16 Key Details
Field Name
Description
Size
X16_TYPE
X16 type.
0: NORMAL_7TUPLE.
1: CUSTOM_1.
1x x
FIRST
Selects between entries relevant for first and second lookup. Set for first
lookup, cleared for second lookup.
1x x
G_IDX_IS_SERVICE
Set if the VCAP CLM action from the previous VCAP CLM lookup
specified ISDX to be used as G_IDX.
1x x
G_IDX
Generic index used to bind together entries across VCAP CLM lookups.
G_IDX is calculated based on fields in VCAP CLM action from previous
VCAP CLM lookup:
NXT_IDX_CTRL.
NXT_IDX.
Default value is configurable in
ANA_CL::CLM_MISC_CTRL.CLM_GIDX_DEF_SEL. It can be zero,
logical port number, or masqueraded port number.
12
x x
IGR_PORT_MASK_SEL
Mode selector for IGR_PORT_MASK.
0: Default setting.
1: Set for frames received from a loopback device, for example,
LBK_DEV*.
2: Set for masqueraded frames if
ANA_CL::CLM_MISC_CTRL.MASQ_IGR_MASK_ENA == 1.
A masqueraded frame is identified by the following criteria:
(ifh.fwd.dst_mode == inject && ifh.src_port != physical_src_port)
||
(misc.pipeline_act == inj_masq)
3: Set for the following frame types:
3.a: CPU injected frames and
ANA_CL::CLM_MISC_CTRL.CPU_IGR_MASK_ENA == 1
3.b: Frames received from VD0 or VD1 and
ANA_CL::CLM_MISC_CTRL.VD_IGR_MASK_ENA == 1
3.c: Frame received on a loopback device and
ANA_CL::CLM_MISC_CTRL.LBK_IGR_MASK_SEL3_ENA == 1.
If a frame fulfills multiple of above criteria, then higher value of
IGR_PORT_MASK_SEL takes precedence.
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com