Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 108 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 108 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 104Page - Microsemi Corporation VSC7440 Datasheet HTML 105Page - Microsemi Corporation VSC7440 Datasheet HTML 106Page - Microsemi Corporation VSC7440 Datasheet HTML 107Page - Microsemi Corporation VSC7440 Datasheet HTML 108Page - Microsemi Corporation VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
91
L3_IP6_SIP
Overloaded field for different frame types:
LLC frames (ETYPE_LEN=0 and IP_SNAP=0):
L3_IP6_SIP = [CTRL, PAYLOAD[0:14]]
SNAP frames (ETYPE_LEN=0 and IP_SNAP=1):
L3_IP6_SIP = [PID[2:0], PAYLOAD[0:12]]
IPv4 frames (ETYPE_LEN=1, IP_SNAP=1, and IP4=1):
L3_IP6_SIP[31:0] = source IPv4 address
IPv6 frames (ETYPE_LEN=1, IP_SNAP=1, IP4=0):
L3_IP6_SIP = source IPv6 address
Other frames (ETYPE_LEN=1, IP_SNAP=0):
L3_IP6_SIP = PAYLOAD[0:15]
128
x
TCP_UDP
Frame type flag indicating the frame is a TCP or UDP frame.
Set if frame is IPv4/IPv6 TCP or UDP frame (IP protocol/next header
equals 6 or 17).
Overloading:
Set to 1 for OAM Y.1731 frames.
1x
TCP
Frame type flag indicating the frame is a TCP frame.
Set if frame is IPv4 TCP frame (IP protocol = 6) or IPv6 TCP frames (Next
header = 6).
1x
L4_SPORT
TCP/UDP source port.
Overloading:
OAM Y.1731 frames: L4_SPORT = OAM MEL flags, see below. TCP_UDP
is at the same time set to 1 to indicate the overloading.
OAM MEL flags:
Encoding of MD level/MEG level (MEL). One bit for each level where
lowest level encoded as zero.
The following keys can be generated:
MEL=0: 0b0000000
MEL=1: 0b0000001
MEL=2: 0b0000011
MEL=3: 0b0000111
MEL=4: 0b0001111
MEL=5: 0b0011111
MEL=6: 0b0111111
MEL=7: 0b1111111
Together with the mask, the following kinds of rules may be created:
Exact match. Fx. MEL=2: 0b0000011
Below. Fx. MEL<=4: 0b000XXXX
Above. Fx. MEL>=5: 0bXX11111
Between. Fx. 3<= MEL<=5: 0b00XX111,
where ‘X’ means don’t care.
16
x
Table 63 •
VCAP CLM X16 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com